Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3502F Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3502F
Description  SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3502F Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3502F Datasheet HTML 1Page - Diodes Incorporated AP3502F Datasheet HTML 2Page - Diodes Incorporated AP3502F Datasheet HTML 3Page - Diodes Incorporated AP3502F Datasheet HTML 4Page - Diodes Incorporated AP3502F Datasheet HTML 5Page - Diodes Incorporated AP3502F Datasheet HTML 6Page - Diodes Incorporated AP3502F Datasheet HTML 7Page - Diodes Incorporated AP3502F Datasheet HTML 8Page - Diodes Incorporated AP3502F Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP3502F
Document number: DS41525 Rev. 2 - 2
5 of 11
www.diodes.com
October 2018
© Diodes Incorporated
AP3502F
Electrical Characteristics (T
A=+25º
C, VIN=VEN=12V, VOUT=3.3V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE (IN PIN)
VIN
Input Voltage
_
4.5
_
18
V
IQ
Quiescent Current
VFB=1V,VEN=3V
_
1.2
1.4
mA
ISHDN
Shutdown Supply Current
VEN=0V
_
0.1
10
μA
UNDER VOLTAGE LOCKOUT
VUVLO
Input UVLO Threshold
VIN Rising
3.65
4.00
4.25
V
VHYS
Input UVLO Hysteresis
_
_
200
_
mV
ENABLE (EN PIN)
_
EN Shutdown Threshold Voltage
_
1.1
1.5
2
V
_
EN Shutdown Threshold Voltage
Hysteresis (Note 2)
_
_
350
_
mV
_
EN Lockout Threshold Voltage
_
2.2
2.5
2.7
V
_
EN Lockout Hysteresis
_
_
210
_
mV
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback Voltage
_
0.907
0.925
0.943
V
VFBOV
Feedback Over Voltage Threshold
_
_
1.1
_
V
IFB
Feedback Bias Current
VFB=1V
-0.1
_
0.1
μA
MOSFET
RDSONH
High-side Switch On-resistance(Note 3)
ISW=0.2A/0.7A
_
100
_
mΩ
RDSONL
Low-side Switch On-resistance(Note 3)
ISW=-0.2A/-0.7A
_
100
_
mΩ
CURRENT LIMIT
ILEAKH
High-side Switch Leakage Current
VIN=18V,VEN=VSW=0V
_
0.1
10
μA
ILIMH
High-side Switch Current Limit
_
2.7
3.5
_
A
ILIML
Low-side Switch Current Limit
From Drain to Source
_
1.4
_
A
SWITCHING REGULATOR
fOSC1
Oscillator Frequency
_
280
340
400
kHz
fOSC2
Short Circuit Oscillator Frequency
_
_
90
_
kHz
DMAX
Max. Duty Cycle
VFB=0.85V
_
90
_
%
DMIN
Min. Duty Cycle
VFB=1V
_
_
0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com