Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3502F Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3502F
Description  SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3502F Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3502F Datasheet HTML 3Page - Diodes Incorporated AP3502F Datasheet HTML 4Page - Diodes Incorporated AP3502F Datasheet HTML 5Page - Diodes Incorporated AP3502F Datasheet HTML 6Page - Diodes Incorporated AP3502F Datasheet HTML 7Page - Diodes Incorporated AP3502F Datasheet HTML 8Page - Diodes Incorporated AP3502F Datasheet HTML 9Page - Diodes Incorporated AP3502F Datasheet HTML 10Page - Diodes Incorporated AP3502F Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP3502F
Document number: DS41525 Rev. 2 - 2
8 of 11
www.diodes.com
October 2018
© Diodes Incorporated
AP3502F
Performance Characteristics (Cont. T
A=+25º
C, VIN=12V, VOUT=3.3V, unless otherwise noted.)
Output Ripple (IOUT=2A)
Load Transient (IOUT =1A to 2A)
Enable Turn on Characteristic
Enable Turn off Characteristic
(VIN=12V, VEN=3.3V, VOUT=3.3V, IL=2A)
(VIN=12V, VEN=3.3V, VOUT=3.3V, IL=2A)
Short Circuit Protection (IOUT=0A)
Short Circuit Recovery (IOUT=0A)
VIN_AC
200mV/div
VOUT_AC
20mV/div
IL
1A/div
VSW
10V/div
Time 2
μs/div
VOUT_AC
100mV/div
IOUT
1A/div
Time 200
μs/div
VEN
2V/div
VSS
2V/div
VOUT
2V/div
IL
1A/div
Time 10ms/div
VEN
2V/div
VSS
2V/div
VOUT
2V/div
IL
1A/div
Time 200
μs/div
VOUT
2V/div
IL
2A/div
VOUT
2V/div
IL
2A/div
Time 40
μs/div
Time 40
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com