Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG904-R Datasheet(PDF) 1 Page - Analog Devices

Part # ADG904-R
Description  Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904-R Datasheet(HTML) 1 Page - Analog Devices

  ADG904-R Datasheet HTML 1Page - Analog Devices ADG904-R Datasheet HTML 2Page - Analog Devices ADG904-R Datasheet HTML 3Page - Analog Devices ADG904-R Datasheet HTML 4Page - Analog Devices ADG904-R Datasheet HTML 5Page - Analog Devices ADG904-R Datasheet HTML 6Page - Analog Devices ADG904-R Datasheet HTML 7Page - Analog Devices ADG904-R Datasheet HTML 8Page - Analog Devices ADG904-R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Wideband, 37 dB Isolation at 1 GHz,
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
ADG904/ADG904-R
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Wideband switch: –3 dB @ 2.5 GHz
ADG904: Absorptive 4:1 Mux/SP4T
ADG904-R: Reflective 4:1 Mux/SP4T
High off isolation (37 dB @ 1 GHz)
Low insertion loss (1.1 dB dc to 1 GHz)
Single 1.65 V to 2.75 V power supply
CMOS/LVTTL contol logic
20-lead TSSOP
Low power consumption (1 µA max)
APPLICATIONS
Wireless communications
General-purpose RF switching
Dual-band applications
High speed filter selection
Digital transceiver front end switch
IF switching
Tuner modules
Antenna diversity switching
FUNCTIONAL BLOCK DIAGRAMS
ADG904
50
Ω
50
Ω
50
Ω
50
Ω
1 OF 4 DECODER
RFC
A0
A1
EN
RF1
RF2
RF3
RF4
ADG904-R
1 OF 4 DECODER
RFC
A0
A1
EN
RF1
RF2
RF3
RF4
Figure 1
Figure 2
GENERAL DESCRIPTION
The ADG904/ADG904-R are wideband analog 4:1multiplexers
that use a CMOS process to provide high isolation and low
insertion loss to 1 GHz. The ADG904 is an absorptive/matched
mux with 50 Ω terminated shunt legs; the ADG904-R is a
reflective mux. These devices are designed such that the isola-
tion is high over the dc to 1 GHz frequency range.
The ADG904/ADG904-R switches one of four inputs to a
common output, RFC, as determined by the 3-bit binary
address lines A0, A1, and EN. A Logic 1 on the EN pin disables
the device.
The parts have on-board CMOS control logic, thus eliminating
the need for external control circuitry. The control inputs are
both CMOS and LVTTL compatible. The ADG904/ADG904-R’s
low power consumption makes them ideally suited for wireless
applications and general-purpose high frequency switching.
PRODUCT HIGHLIGHTS
1.
–37 dB off isolation @ 1 GHz
2.
1.1 dB insertion loss @ 1 GHz
3.
20-lead TSSOP packages
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–10
–20
–30
–40
–50
–60
–70
–80
VDD = 2.5V
S12
S21
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–1.9
–2.0
–2.1
–2.2
–2.3
–2.4
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
VDD = 2.5V
TA = 25°C
Figure 3. Off Isolation vs. Frequency
Figure 4. Insertion Loss vs. Frequency


Similar Part No. - ADG904-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG904-R AD-ADG904-R Datasheet
251Kb / 6P
IF Band-Pass Filter Bank Switching Network for Wireless Infrastructure
REV. 0
More results

Similar Description - ADG904-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918 Datasheet
120Kb / 4P
Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
ADG901 AD-ADG901 Datasheet
1Mb / 12P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG936 AD-ADG936 Datasheet
395Kb / 16P
Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
7/04-Revision 0
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com