Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG904-R Datasheet(PDF) 9 Page - Analog Devices

Part # ADG904-R
Description  Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904-R Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG904-R Datasheet HTML 5Page - Analog Devices ADG904-R Datasheet HTML 6Page - Analog Devices ADG904-R Datasheet HTML 7Page - Analog Devices ADG904-R Datasheet HTML 8Page - Analog Devices ADG904-R Datasheet HTML 9Page - Analog Devices ADG904-R Datasheet HTML 10Page - Analog Devices ADG904-R Datasheet HTML 11Page - Analog Devices ADG904-R Datasheet HTML 12Page - Analog Devices ADG904-R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG904/ADG904-R
Rev. 0 | Page 9 of 16
TEST CIRCUITS
tON
50%
50%
90%
10%
VAx
VOUT
tOFF
10
µF
VS
Ax
RFx
RFC
RL
50
VOUT
GND
VDD
VDD
Figure 18. Switch Timing: tON, tOFF
VAx
VOUT
50%
50%
90%
90%
10%
10%
tFALL
tRISE
VDD
VDD
10
µF
VS
Ax
RFx
RFC
GND
RL
50
VOUT
Figure 19. Switch Timing: tRISE, tFALL
VS
NETWORK
ANALYZER
OFF ISOLATION = 20log
VOUT
VS
VDD
10
µF
VDD
50
VOUT
RL
50
ADG904-R
RF2
RF1
RFC
50
GND
A0
A1
1 0F 4
DECODER
EN
Figure 20. Off Isolation
VS
NETWORK
ANALYZER
INSERTION LOSS = 20log
VOUT
VS
VDD
10
µF
VDD
50
VOUT
RL
50
GND
A0
A1
1 0F 4
DECODER
ADG904-R
RF2
RFx
RFC
50
EN
Figure 21. Insertion Loss
VS
NETWORK
ANALYZER
CROSSTALK = 20log
VOUT
VS
VDD
10
µF
VDD
50
VOUT
RL
50
ADG904-R
RF2
RF1
RFC
50
GND
A0
A1
1 0F 4
DECODER
EN
Figure 22. Crosstalk
VDD
10
µF
VDD
ADG904-R
RF2
RFx
RFC
NC
NC
OSCILLOSCOPE
GND
A0
A1
1 0F 4
DECODER
EN
Figure 23. Video Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com