Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19WS-G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19WS-G
Description  200mA, 120V - 250V Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19WS-G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV19WS-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV19WS-G/BAV20WS-G/BAV21WS-G
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S0000021
Version: A15
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VF, Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
VR, Instantaneous Reverse Voltage (V)
Fig. 2 Typical Reverse Characteristics
TA=75oC
TA=25oC
TA=0oC
TA=-40oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1020
3040
VR, Reverse Voltage (V)
Fig. 3 Typical Capacitance VS. Reverse Voltage
0
50
100
150
200
250
0
40
80
120
160
200
TA, ambient Temperature (oC)
Fig. 4 Power Derating Curve
TA=150oC
TA=150oC
TA=125oC
TA=75oC
TA=25oC
TA=0oC
TA=-40oC
f=1.0 MHz
TA=125oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com