Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19WS-G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19WS-G
Description  200mA, 120V - 250V Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19WS-G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV19WS-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV19WS-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Fast Switching Speed
- Surface Mount Package Ideally Suited For Automatic Insertion
- High Conductance
- Packing code with suffix "G" means
green compound (halogen-free)
- Halogen-free according to IEC 61249-2-21
Surface mount fast switching diode
General purpose small signal switching
MECHANICAL DATA
- Case: SOD-323 small outline plastic package
- Moisture sensitivity level 1
- Polarity: Indicated by cathode band
- Weight: 4.36 ± 0.5 mg
SYMBOL
UNIT
IO
mA
VRRM
V
VR
V
IFRM
mA
PD
mW
RθJA
°C/W
TJ , TSTG
°C
SYMBOL
UNIT
CJ
pF
trr
ns
Document Number: DS_S0000021
Version: A15
BAV19WS-G/BAV20WS-G/BAV21WS-G
APPLICATION
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
SOD-323
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
BAV19WS-G BAV20WS-G BAV21WS-G
Taiwan Semiconductor
Small Signal Product
200mA, 120V - 250V Switching Diodes
FEATURES
V
VF
V
V(BR)R
PARAMETER
IFSM
A
Junction and Storage Temperature Range
Non-Repetitive Peak Forward
Surge Current
Pulse Width = 1 s
nA
Note 1: Test condition : IR= 100μA
BAV21WS-G
BAV20WS-G
BAV19WS-G
IR
-5
-50
Note 2: Test condition : BAV19WS-G @ VR=100V, BAV20WS-G @ VR=150V, BAV21WS-G @ VR=200V
Note 3: Test condition : IF= IR= 30mA , RL=100Ω , Irr=0.1xIR
Breakdown Voltage
(Note 1)
Reverse Recovery Time (Note 3)
Junction Capacitance
Reverse Leakage Current
(Note 2)
Forward Voltage
VR=0, f=1.0MHz
IF=100mA
BAV21WS-G
BAV20WS-G
Pulse Width = 1 μs
Average Rectified Output Current
-65 to 150
0.5
2.5
200
120
625
200
250
MIN
MAX
120
200
-
250
BAV19WS-G
IF=200mA
-
-
100
-
-1.00
-1.25
Power Dissipation
200
Thermal Resistance Junction to Ambient
625
Repetitive Peak Reverse Voltage
100
150
200
DC Reverse Voltage
Repetitive Peak Forward Surge Current


Similar Part No. - BAV19WS-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS-G VISHAY-BAV19WS-G Datasheet
91Kb / 4P
Small Signal Switching Diodes, High Voltage
27-Sep-16
BAV19WS-G VISHAY-BAV19WS-G Datasheet
90Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAV19WS-G VISHAY-BAV19WS-G Datasheet
92Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAV19WS-G VISHAY-BAV19WS-G Datasheet
92Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAV19WS-G3-08 VISHAY-BAV19WS-G3-08 Datasheet
91Kb / 4P
Small Signal Switching Diodes, High Voltage
27-Sep-16
More results

Similar Description - BAV19WS-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3600 MICROSEMI-1N3600 Datasheet
88Kb / 2P
200mA Low Power, Switching
logo
Rohm
RHU002N06 ROHM-RHU002N06 Datasheet
62Kb / 5P
Switching (60V, 200mA)
SM6K2 ROHM-SM6K2 Datasheet
88Kb / 5P
Switching (60V, 200mA)
RDN080N25 ROHM-RDN080N25 Datasheet
53Kb / 4P
Switching (250V, 8A)
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
logo
GETAI ELECTRONICS DEVIC...
HVC10F GETEDZ-HVC10F Datasheet
72Kb / 1P
10kV 200mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
logo
Taiwan Semiconductor Co...
BAS19W TSC-BAS19W Datasheet
143Kb / 5P
SOT-323 100-250V/200mA Switching Diode
logo
Rohm
2SK2711 ROHM-2SK2711 Datasheet
143Kb / 4P
Switching (250V, 16A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com