Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3DV Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # ES3DV
Description  3A, 200V Surface Mount Ultra Fast Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3DV Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  ES3DV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ES3DV
Taiwan Semiconductor
5
Version:B1708
PACKAGE OUTLINE DIMENSIONS
DO-214AB (SMC)
DIM.
Unit (mm)
Unit (inch)
Min.
Max.
Min.
Max.
A
2.90
3.20
0.114
0.126
B
6.60
7.11
0.260
0.280
C
5.59
6.22
0.220
0.245
D
2.00
2.62
0.079
0.103
E
1.00
1.60
0.039
0.063
F
7.75
8.13
0.305
0.320
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
SUGGESTED PAD LAYOUT
MARKING DIAGRAM
Symbol
Unit (mm)
Unit (inch)
A
3.30
0.130
B
2.50
0.098
C
6.80
0.268
D
4.40
0.173
E
9.40
0.370
P/N
=Marking Code
G
=Green Compound
YW
=Date Code
F
=Factory Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com