Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3DV Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES3DV
Description  3A, 200V Surface Mount Ultra Fast Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3DV Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES3DV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd ES3DV Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ES3DV
Taiwan Semiconductor
1
Version:B1708
3A, 200V Surface Mount Ultra Fast Rectifier
FEATURES
● Glass passivated chip junction
● Ideal for automated placement
● Super fast recovery time for high efficiency
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● High frequency rectification
● Freewheeling application
● Switching mode converters and inverters in computer, automotive
and telecommunication.
MECHANICAL DATA
● Case: DO-214AB (SMC)
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix "H" means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Moisture sensitivity level: level 1, per J-STD-020
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.21 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
3
A
VRRM
200
V
IFSM
100
A
TJ MAX
150
°C
Package
DO-214AB (SMC)
Configuration
Single die
DO-214AB (SMC)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
ES3DV
UNIT
Marking code on the device
ES3DV
Repetitive peak reverse voltage
VRRM
200
V
Reverse voltage, total rms value
VR(RMS)
140
V
Maximum DC blocking voltage
VDC
200
V
Forward current
IF(AV)
3
A
Surge peak forward current, 8.3 ms single half sine-
wave superimposed on rated load per diode
IFSM
100
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - ES3DV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ES3DV RECTRON-ES3DV Datasheet
389Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
ES3DVH TSC-ES3DVH Datasheet
372Kb / 5P
3A, 200V Ultra Fast Surface Mount Rectifier
Version: A2102
More results

Similar Description - ES3DV

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ES3A-LFR FRONTIER-ES3A-LFR Datasheet
128Kb / 2P
3A FAST EFFICIENT SURFACE MOUNT RECTIFIER
MURS305 FRONTIER-MURS305 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS305-LFR FRONTIER-MURS305-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A FRONTIER-US3A Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A-LFR FRONTIER-US3A-LFR Datasheet
130Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
TPAR3D TSC-TPAR3D Datasheet
396Kb / 4P
3A, 200V - 600V Avalanche Fast Recovery Surface Mount Rectifiers
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
1A, 200V Surface Mount Ultra Fast Rectifier
S3DB-K TSC-S3DB-K Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
MUR420SH TSC-MUR420SH Datasheet
573Kb / 6P
4A, 200V - 600V Ultra Fast Surface Mount Rectifier
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
3A, 50V - 600V Ultra Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com