Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS70DSTN-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS70DSTN-C
Description  Silicon Epitaxial Planar Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS70DSTN-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS70DSTN-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS70DSTN-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS70DSTN-C
0.07A, 70V
Silicon Epitaxial Planar Schottky Barrier Rectifiers
Elektronische Bauelemente
01-Nov-2017 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTICS CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com