Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216IDE Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4216IDE
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216IDE Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4216IDE Datasheet HTML 11Page - Linear Technology LTC4216IDE Datasheet HTML 12Page - Linear Technology LTC4216IDE Datasheet HTML 13Page - Linear Technology LTC4216IDE Datasheet HTML 14Page - Linear Technology LTC4216IDE Datasheet HTML 15Page - Linear Technology LTC4216IDE Datasheet HTML 16Page - Linear Technology LTC4216IDE Datasheet HTML 17Page - Linear Technology LTC4216IDE Datasheet HTML 18Page - Linear Technology LTC4216IDE Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4216
4216f
15
Figure 9. Normal Power-Up Sequence (with Analog Current Limiting)
SENSEP
ON
TIMER
SS
GATE
VOUT
ILOAD
FILTER
RESET
VCC
POWER GOOD
VFB > 0.6V
LOAD CURRENT REGULATING
AT 40mV/RSENSE
POWER BAD
VFB < 0.6V
(VGATE – VOUT) > VGS(TH)
(VSENSEP – VSENSEN) > 25mV
FILTER RAMPS UP WHEN (VSENSEP – VSENSEN) > 25mV
OUTPUT IN ANALOG CURRENT LIMIT,
(VSENSEP – VSENSEN) = 40mV
(VSENSEP – VSENSEN) < 25mV
TRACKS SS RAMP
IN REGULATION
20µA
60µA
2.4µA
VTMR(TH)
2µA
VTMR(TH)
2µA
10µA
10µA
1µA
CHECK FOR GATE,
FILTER, TIMER,
SS < 0.2V
CHECK FOR GATE, FILTER, TIMER, SS < 0.2V AND FAULT HIGH
PLUG-IN CYCLE
FIRST TIMING CYCLE
POWER-GOOD DELAY
SECOND TIMING CYCLE
4216 F09
12
3
4
5 6
7 8
9 10 11
12
16
15
14
13
0.72V
0.4V
0.8V
ELECTRONIC CIRCUIT BREAKER ARMED
RESET
GOES HIGH
IN RESET
MODE
(ON < 0.4V)
ON GOES LOW
(ON < 0.72V)
OUTPUT NO LONGER
IN CURRENT LIMIT
RESET PULLED LOW
DUE TO POWER BAD
2ND TIMING CYCLE CANNOT START WITH
OUTPUT IN ANALOG CURRENT LIMIT
VFILT(TH)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com