Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7021 Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML7021
Description  Echo Canceler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7021 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML7021 Datasheet HTML 14Page - OKI electronic componets ML7021 Datasheet HTML 15Page - OKI electronic componets ML7021 Datasheet HTML 16Page - OKI electronic componets ML7021 Datasheet HTML 17Page - OKI electronic componets ML7021 Datasheet HTML 18Page - OKI electronic componets ML7021 Datasheet HTML 19Page - OKI electronic componets ML7021 Datasheet HTML 20Page - OKI electronic componets ML7021 Datasheet HTML 21Page - OKI electronic componets ML7021 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
¡ Semiconductor
ML7021
Measurement System Block Diagram
RIN
SOUT
ROUT
SIN
ML7021
MSM7543
m-law
CODEC
MSM7543
m-law
CODEC
Delay
TD
Echo delay time
ATT
ERL
(echo return loss)
Power supply voltage 5 V
RIN
SOUT
L. P. F.
5 kHz
Level meter
White noise generator
A
A
PCM
PCM
PCM
PCM
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com