Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9042 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 2Page - OKI electronic componets ML9042 Datasheet HTML 3Page - OKI electronic componets ML9042 Datasheet HTML 4Page - OKI electronic componets ML9042 Datasheet HTML 5Page - OKI electronic componets ML9042 Datasheet HTML 6Page - OKI electronic componets ML9042 Datasheet HTML 7Page - OKI electronic componets ML9042 Datasheet HTML 8Page - OKI electronic componets ML9042 Datasheet HTML 9Page - OKI electronic componets ML9042 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
6/58
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Applicable pins
Supply Voltage
VDD
Ta = 25
°C
–0.3 to +6.5
V
VDD
LCD Driving Voltage
V0, V1, V2,
V3, V4,
Ta = 25
°C
–0.3 to +6.5
V
VOUT, V0, V1, V2, V3A, V3B, V4,
GND
Input Voltage
VI
Ta = 25
°C
–0.3 to VDD+0.3
V
RW/SI, E/SHTB, SP,
RS0/CSB, RS1, BE,
ROM1S, T1 to T3, DB0(SO)
to DB7, VIN
Storage Temperature
TSTG
—
–55 to +150
°C
—
RECOMMENDED OPERATING CONDITIONS
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Applicable pins
Supply Voltage
VDD
—
2.7 to 5.5
V
VDD
LCD Driving Voltage
V0
(See Note)
—
2.7 to 5.5
V
VOUT, V0
Voltage Multipler
Input Voltage
VMUL
BE = “1”
1.8 to 2.75
V
VIN
Operating Temperature
Top
—
–40 to +85
°C
—
Note:
This voltage should be applied across V0 and GND. The following voltages are output to the V1,
V2, V3A (V3B) and V4 pins:
• 1/4 bias (V
2 and V3B are short-circuited)
V1 =3 V0/4 ±0.15 V
V2 = V3B = V0/2 ±0.15 V
V4 = V0/4 ±0.15 V
• 1/5 bias (V
3A and V3B are short-circuited)
V1 = 4 V0/5 ±0.15 V
V2 = 3 V0/5 ±0.15 V
V3A = V3B = 2 V0/5 ±0.15 V
V4 = V0/5 ±0.15 V
The voltages at the V0, V1, V2, V3A (V3B), V4 and GND pins should satisfy
V0 > V1 > V2 > V3A (V3B) > V4 > GND
(Higher
←
→ Lower)
* If the chip is attached on a substrate using COG technology, the chip tends to be susceptible
to electrical characteristics of the chip due to trace resistance on the glass substrate. It is
recommended to use the chip by confirming that it operates on the glass substrate properly.
Trace resistance, especially, VDD and VSS trace resistance, between the chip on the LCD
panel and the flexible cable should be designed as low as possible. Trace resistance that
cannot be very well decreased, larger size of the LCD panel, or greater trace capacitance
between the microcontroller and the ML9042 device can cause device malfunction. In order
to avoid the device malfunction, power noise should be reduced by serial interfacing of the
microcontroller and the ML9042 device.
* Do not apply short-circuiting across output pins and across an output pin and an input/output
pin or the power supply pin in the output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com