Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9042 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 3Page - OKI electronic componets ML9042 Datasheet HTML 4Page - OKI electronic componets ML9042 Datasheet HTML 5Page - OKI electronic componets ML9042 Datasheet HTML 6Page - OKI electronic componets ML9042 Datasheet HTML 7Page - OKI electronic componets ML9042 Datasheet HTML 8Page - OKI electronic componets ML9042 Datasheet HTML 9Page - OKI electronic componets ML9042 Datasheet HTML 10Page - OKI electronic componets ML9042 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
7/58
ELECTRICAL CHARACTERISTICS
DC Characteristics
(GND = 0 V, VDD = 2.7 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
“H” Input Voltage
VIH
0.8VDD
—
VDD
“L” Input Voltage
VIL
—
0
—
0.2VDD
V
RW/SI,
RS0/CSB, RS1,
E/SHTB,
DB0(SO) to
DB7, SP,
OSC1, BE,
ROM1S
“H” Output Voltage 1
VOH1
IOH = –0.1 mA
0.9VDD
—
—
“L” Output Voltage 1
VOL1
IOL = +0.1 mA
—
—
0.1VDD
V
DB0(SO) to
DB7
“H” Output Voltage 2
VOH2
IOH = –13 µA
0.9VDD
—
—
“L” Output Voltage 2
VOL2
IOL = +13 µA
—
—
0.1VDD
V
OSC2
VCH
lOCH = –4 µA
V0–0.3
V0–
0.012
V0
VCMH
lOCMH = ±4 µA
V1–0.3
V1±
0.012
V1+0.3
VCML
lOCML = ±4 µA
V4–0.3
V4±
0.012
V4+0.3
COM Voltage Drop
VCL
lOCL = +4 µA
V0 –GND = 5 V
Note 1
GND
GND+
0.012
GND+0.3
V
COM1 to
COM17
VSH
lOSH = –4 µA
V0–0.3
V0–
0.012
V0
VSMH
lOSMH = ±4 µA
V2–0.3
V2±
0.012
V2+0.3
VSML
lOSML = ±4 µA
V3–0.3
V3±
0.012
V3+0.3
SEG Voltage Drop
VSL
lOSL = +4 µA
V0 –GND = 5 V
Note 1
GND
GND+
0.012
GND+0.3
V
SEG1 to
SEG100
Input Leakage Current
| IIL |
VDD = 5 V, VI = 5 V or 0 V
—
—
1.0
µA
E/SHTB, BE,
SP, VIN
VDD = 5 V, VI = GND
10
25
61
Input Current 1
| II1 |
VDD = 5 V, VI = VDD,
Excluding current flowing
through the pull-up resistor
and the output driving MOS
—
—
2.0
µA
RW/SI,
RS0/CSB, RS1,
DB0(SO) to
DB7
VDD = 5 V, VI = VDD
15
45
105
Input Current 2
| II2 |
VDD = 5 V, VI = GND
Excluding current flowing
through the pull-down resistor
—
—
2.0
µA T
1, T2, T3
Supply Current
lDD
VDD = 5 V
Note 2
—
—
1.2
mA
VDD–GND
Oscillation Frequency
of External Resistor Rf
fosc1
Rf = 85 k
Ω±2%
Note 3
175
270
400
kHz OSC1, OSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com