Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC921 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC921
Description  45MHz Low-Power SC-70 Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC921 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC921 Datasheet HTML 1Page - Micrel Semiconductor MIC921 Datasheet HTML 2Page - Micrel Semiconductor MIC921 Datasheet HTML 3Page - Micrel Semiconductor MIC921 Datasheet HTML 4Page - Micrel Semiconductor MIC921 Datasheet HTML 5Page - Micrel Semiconductor MIC921 Datasheet HTML 6Page - Micrel Semiconductor MIC921 Datasheet HTML 7Page - Micrel Semiconductor MIC921 Datasheet HTML 8Page - Micrel Semiconductor MIC921 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
December 2001
5
MIC921
MIC921
Micrel
Typical Characteristics
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Offset Voltage
vs. Temperature
V
± = ±2.5V
V
± = ±5V
V
± = ±9V
0.10
0.15
0.20
0.25
0.30
0.35
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Supply Current
vs. Temperature
V
± = ±2.5V
V
± = ±9V
V
± = ±5V
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
2.5
3.8
5.1
6.4
7.7
9
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
–40
°C
+85
°C
+25
°C
0
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
-900
-540
-180
180
540
900
COMMON-MODE VOLTAGE (V)
Offset Voltage vs.
Common-Mode Voltage
–40
°C
+85
°C
+25
°C
V
± = ±2.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
COMMON-MODE VOLTAGE (V)
Offset Voltage vs.
Common-Mode Voltage
–40
°C
+85
°C
+25
°C
V
± = ±5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
COMMON-MODE VOLTAGE (V)
Offset Voltage vs.
Common-Mode Voltage
–40
°C
+85
°C
+25
°C
V
± = ±9V
0
10
20
30
40
50
60
70
80
90
100
110
2
3.4
4.8
6.2
7.6
9
SUPPLY VOLTAGE (
±V)
Short-Circuit Current vs.
Supply Voltage (Sourcing)
–40
°C 25°C
85
°C
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (Sinking)
–40
°C
25
°C
85
°C
V
± = ±5V
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
0 8 16 24 32 40 48 56 64 72 80
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (Sourcing)
–40
°C
25
°C
85
°C
V
± = ±9V
-9.0
-8.1
-7.2
-6.3
-5.4
-4.5
-3.6
-2.7
-1.8
-0.9
0
0.9
-50-45-40-35-30-25-20-15-10 -5 0
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (Sinking)
–40
°C
25
°C
85
°C
V
± = ±9V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
8 16 24 32 40 48 56 64 72 80
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (Sourcing)
–40
°C
25
°C
85
°C
V
± = ±5V
-70
-63
-56
-49
-42
-35
-28
-21
-14
-7
0
7
2.0
3.4
4.8
6.2
7.6
9.0
SUPPLY VOLTAGE (V)
Short Circuit Current vs.
Supply Voltage (Sinking)
–40
°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com