Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC921 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC921
Description  45MHz Low-Power SC-70 Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC921 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC921 Datasheet HTML 1Page - Micrel Semiconductor MIC921 Datasheet HTML 2Page - Micrel Semiconductor MIC921 Datasheet HTML 3Page - Micrel Semiconductor MIC921 Datasheet HTML 4Page - Micrel Semiconductor MIC921 Datasheet HTML 5Page - Micrel Semiconductor MIC921 Datasheet HTML 6Page - Micrel Semiconductor MIC921 Datasheet HTML 7Page - Micrel Semiconductor MIC921 Datasheet HTML 8Page - Micrel Semiconductor MIC921 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
December 2001
1
MIC921
MIC921
Micrel
MIC921
45MHz Low-Power SC-70 Op Amp
Final Information
General Description
The MIC921 is a high-speed operational amplifier with a gain-
bandwidth product of 45MHz. The part is unity gain stable. It
has a very low 300
µA supply current, and features the
IttyBitty™ SC-70 and SOT-23-5 package.
Supply voltage range is from
±2.5V to ±9V, allowing the
MIC921 to be used in low-voltage circuits or applications
requiring large dynamic range.
The MIC921 is stable driving any capacitative load and
achieves excellent PSRR and CMRR, making it much easier
to use than most conventional high-speed devices. Low
supply voltage, low power consumption, and small packing
make the MIC921 ideal for portable equipment. The ability to
drive capacitative loads also makes it possible to drive long
coaxial cables.
Features
• 45MHz gain bandwidth product
• 61MHz –3dB bandwidth
• 300
µA supply current
• SC-70 or SOT-23-5 packages
• 3200V/
µs slew rate
• Drives any capacitive load
• 112dB CMRR
• Unity gain stable
Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers
Ordering Information
Part Number
Junction Temp. Range
Package
MIC921BM5
–40
°C to +85°C
SOT-23-5*
MIC921BC5
–40
°C to +85°C
SC-70
*Contact factory for availability of SOT-23-5 package.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Pin Description
Pin Number
Pin Name
Pin Function
1
IN+
Noninverting Input
2
V–
Negative Supply (Input)
3
IN–
Inverting Input
4
OUT
Output: Amplifier Output
5
V+
Positive Supply (Input)
Pin Configuration
IN+
V–
OUT
IN–
1
3
45
2
V+
A38
Part
Identification
SOT-23-5 or SC-70
Functional Pinout
IN+
V–
OUT
IN–
1
3
45
2
V+
SOT-23-5 or SC-70


Similar Part No. - MIC921

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC921BC5 MICREL-MIC921BC5 Datasheet
1Mb / 11P
45MHz Low-Power SC-70 Op Amp
MIC921BM5 MICREL-MIC921BM5 Datasheet
1Mb / 11P
45MHz Low-Power SC-70 Op Amp
MIC921YC5 MICREL-MIC921YC5 Datasheet
1Mb / 11P
45MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
45MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC921

ManufacturerPart #DatasheetDescription
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
logo
Micrel Semiconductor
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
230MHz Low-Power SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC920 MICREL-MIC920_06 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
45MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
230MHz Low-Power SC-70 Op Amp
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
Low Power Quad OP AMP
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
LOW POWER SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com