Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1415193 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1415193
Description  Cable gland - G-INESR-M25-M68N-NEPDS-S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1415193 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1415193 Datasheet HTML 1Page - PHOENIX CONTACT 1415193 Datasheet HTML 2Page - PHOENIX CONTACT 1415193 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1415193
12/24/2018   Page 1 / 3
Cable gland - G-INESR-M25-M68N-NEPDS-S - 1415193
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable gland, cable gland material: Nickel-plated brass, application: Standard, external cable diameter 9 mm ...
17 mm, shielding: no, connecting thread: M25 x 1.5, color: silver, with external strain relief, with O-ring
Your advantages
 Weatherproof sealing material
 Halogen-free
Key Commercial Data
Packing unit
5 pc
GTIN
GTIN
4055626038216
Technical data
Dimensions
Length
42 mm
Length without connecting thread
35 mm
Wrench size, union nut
29 mm
Wrench size, support
29 mm
Hexagon angular dimension
32 mm
Length of the connecting thread
7 mm
Feed-through hole diameter
25.1 mm ... 25.2 mm
External cable diameter
9 mm ... 17 mm
7.5 mm ... 11.3 mm (for UL 514 B)
Clamping range of the strain relief clip
9.00 mm ... 17.00 mm
Ambient conditions
Degree of protection
IP68 (5 bar / 0.5 h)
IP69 (DIN EN 60529 / IEC 60529)
Ambient temperature (operation)
-40 °C ... 100 °C (static)


Similar Part No. - 1415193

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415190 PHOENIX-1415190 Datasheet
64Kb / 3P
Cable gland - G-INTRO-M25-M68N-PEPDS-BK
1415191 PHOENIX-1415191 Datasheet
64Kb / 4P
Cable gland - G-INTRO-M32-M68N-PEPDS-BK
1415192 PHOENIX-1415192 Datasheet
67Kb / 3P
Cable gland - G-INESR-M20-S68N-NEPDS-S
1415194 PHOENIX-1415194 Datasheet
64Kb / 4P
Cable gland - G-INESR-M32-M68N-NEPDS-S
1415195 PHOENIX-1415195 Datasheet
64Kb / 4P
Cable gland - G-INESR-M40-M68N-NEPDS-S
More results

Similar Description - 1415193

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415182 PHOENIX-1415182 Datasheet
65Kb / 4P
Cable gland - G-INB-M20-S68N-NEPDS-S
1415190 PHOENIX-1415190 Datasheet
64Kb / 3P
Cable gland - G-INTRO-M25-M68N-PEPDS-BK
1415192 PHOENIX-1415192 Datasheet
67Kb / 3P
Cable gland - G-INESR-M20-S68N-NEPDS-S
1415194 PHOENIX-1415194 Datasheet
64Kb / 4P
Cable gland - G-INESR-M32-M68N-NEPDS-S
1415195 PHOENIX-1415195 Datasheet
64Kb / 4P
Cable gland - G-INESR-M40-M68N-NEPDS-S
1411175 PHOENIX-1411175 Datasheet
292Kb / 4P
Cable gland - G-INS-PG21-M68N-NNES-S
01/21/2022
1411200 PHOENIX-1411200 Datasheet
298Kb / 5P
Cable gland - G-INSEC-PG21-M68N-NNES-S
01/21/2022
1411201 PHOENIX-1411201 Datasheet
298Kb / 5P
Cable gland - G-INSEC-PG29-M68N-NNES-S
01/21/2022
1415126 PHOENIX-1415126 Datasheet
79Kb / 5P
Cable gland - G-ESIS-M25-M68N-NEPDS-S
09/11/2020
1424542 PHOENIX-1424542 Datasheet
80Kb / 5P
Cable gland - G-INS-M16-M68N-SNES-S
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com