Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1415193 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1415193
Description  Cable gland - G-INESR-M25-M68N-NEPDS-S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1415193 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1415193 Datasheet HTML 1Page - PHOENIX CONTACT 1415193 Datasheet HTML 2Page - PHOENIX CONTACT 1415193 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1415193
12/24/2018   Page 2 / 3
Cable gland - G-INESR-M25-M68N-NEPDS-S - 1415193
Technical data
General
Type
with external strain relief
No. of conductors
1
Cable gland material
Nickel-plated brass
Material, insert
PA
Cable seal material
EPDM
O-ring material
EPDM
Shielded
no
Thread type connection side
M25 x 1.5
Thread type on connection side
M25
Torque
10 Nm (Union nut: EN 62444)
10 Nm (Support: EN 62444)
0.4 Nm (Screw for clip)
Color
silver
Impact category
6
Execution of the strain relief
B
Manufacturer
WISKA
Manufacturer Designation
EMSKVZ 25
Standards and Regulations
Halogen-free
yes
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Dimensional drawing
7
29
42
29
Approvals
Approvals



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com