Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63200 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP63200
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63200 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP63200 Datasheet HTML 1Page - Diodes Incorporated AP63200 Datasheet HTML 2Page - Diodes Incorporated AP63200 Datasheet HTML 3Page - Diodes Incorporated AP63200 Datasheet HTML 4Page - Diodes Incorporated AP63200 Datasheet HTML 5Page - Diodes Incorporated AP63200 Datasheet HTML 6Page - Diodes Incorporated AP63200 Datasheet HTML 7Page - Diodes Incorporated AP63200 Datasheet HTML 8Page - Diodes Incorporated AP63200 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Electrical Characteristics (TA = +25°C, VIN = 12V, unless otherwise specified. Min/Max limits apply across the recommended
ambient temperature range, -40°C to +85°C, and input voltage range, 3.8V to 32V).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V
—
1
3
µA
IQ
Supply Current (Quiescent)
AP63201:
VEN = OPEN, VFB = 1.0V
—
258
—
µA
AP63200/AP63203/AP63205:
VEN = OPEN, VFB = 1.0V
—
22
—
µA
UVLO
VIN Under Voltage Threshold (Rising)
—
3.30
3.50
3.70
V
VIN Under Voltage Threshold Hysteresis
—
—
440
—
mV
RDS(ON)1
High-Side Switch On-Resistance (Note 8)
—
—
125
—
m
Ω
RDS(ON)2
Low-Side Switch On-Resistance (Note 8)
—
—
68
—
m
Ω
IPEAK_LIMIT
HS Peak Current Limit (Note 8)
—
2.5
2.8
3.1
A
IVALLEY_LIMIT
LS Valley Current Limit (Note 8)
—
2.5
3.2
3.9
A
fSW
Oscillator Frequency
AP63200/AP63201
—
500
—
kHz
AP63203/AP63205
—
1100
—
kHz
FSS
Frequency Spread Spectrum
—
—
±6
—
%
tON
Minimum On Time
—
—
80
—
ns
VFB
Feedback Voltage
CCM, AP63200/AP63201
792
800
808
mV
CCM, AP63203
3.27
3.30
3.33
V
CCM, AP63205
4.95
5.00
5.05
V
VEN_H
EN Logic High
—
1.15
1.18
1.23
V
VEN_L
EN Logic Low
—
1.05
1.10
1.15
V
IEN
EN Input Current
VEN = 1.5V
—
5.5
—
μA
VEN = 1V
—
1.5
—
μA
tSS
Soft-Start Period
—
—
4
—
ms
TSD
Thermal Shutdown (Note 8)
—
—
+160
—
°C
THYS
Thermal Hysteresis (Note 8)
—
—
+25
—
°C
Note:
8. Compliance to the datasheet limits is assured by one or more methods: production test, characterization, and/or design.
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
5 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com