Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63200 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP63200
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63200 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP63200 Datasheet HTML 4Page - Diodes Incorporated AP63200 Datasheet HTML 5Page - Diodes Incorporated AP63200 Datasheet HTML 6Page - Diodes Incorporated AP63200 Datasheet HTML 7Page - Diodes Incorporated AP63200 Datasheet HTML 8Page - Diodes Incorporated AP63200 Datasheet HTML 9Page - Diodes Incorporated AP63200 Datasheet HTML 10Page - Diodes Incorporated AP63200 Datasheet HTML 11Page - Diodes Incorporated AP63200 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Typical Performance Characteristics (continued)
Figure 16. Output Ripple, Iout = 2A
Figure 17. Load Transient, Iout = 1A to 2A
Figure 18. Output Short Protection, Iout = 2A
Figure 19. Output Short Recovery, Iout = 2A
VOUT Ripple (20mV/div)
IL (1A/div)
SW (10V/div)
2µs/div
VOUT Ripple (500mV/div)
IOUT (1A/div)
1ms/div
VOUT (2V/div)
IL (2A/div)
SW (10V/div)
10ms/div
VOUT (2V/div)
IL (2A/div)
SW (10V/div)
10ms/div
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
8 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com