Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63203 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP63203
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63203 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP63203 Datasheet HTML 2Page - Diodes Incorporated AP63203 Datasheet HTML 3Page - Diodes Incorporated AP63203 Datasheet HTML 4Page - Diodes Incorporated AP63203 Datasheet HTML 5Page - Diodes Incorporated AP63203 Datasheet HTML 6Page - Diodes Incorporated AP63203 Datasheet HTML 7Page - Diodes Incorporated AP63203 Datasheet HTML 8Page - Diodes Incorporated AP63203 Datasheet HTML 9Page - Diodes Incorporated AP63203 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Typical Performance Characteristics (AP63200 @TA = +25°C, VIN = 12V, VOUT = 5V, unless otherwise specified.)
Figure 4. Efficiency vs. Output Current, VIN = 12V
Figure 5. Efficiency vs. Output Current, VIN = 24V
Figure 6. Load Regulation, VOUT = 5V
Figure 7. Line Regulation, VOUT = 5V
Figure 8. Feedback Voltage vs. Temperature
Figure 9. Power Switch RDS(ON) vs. Temperature
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
6 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com