Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63203 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP63203
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63203 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP63203 Datasheet HTML 5Page - Diodes Incorporated AP63203 Datasheet HTML 6Page - Diodes Incorporated AP63203 Datasheet HTML 7Page - Diodes Incorporated AP63203 Datasheet HTML 8Page - Diodes Incorporated AP63203 Datasheet HTML 9Page - Diodes Incorporated AP63203 Datasheet HTML 10Page - Diodes Incorporated AP63203 Datasheet HTML 11Page - Diodes Incorporated AP63203 Datasheet HTML 12Page - Diodes Incorporated AP63203 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Application Information
AP63200
AP63201
L
2.2
μH
R1
30.9k
Ω
R2
62k
Ω
C3
100nF
C2
2x22
μF
C1
10
μF
3
VIN
2
EN
5
SW
6
BST
1
FB
4
GND
OUTPUT
VOUT
1.2V
INPUT
C4
100pF
Figure 20. Typical Application Circuit of AP63200/AP63201
AP63203
AP63205
L
C3
100nF
C2
2x22
μF
C1
10
μF
3
VIN
2
EN
5
SW
6
BST
1
FB
4
GND
OUTPUT
VOUT
INPUT
Figure 21. Typical Application Circuit of AP63203/AP63205
1
PWM Operation Control
The AP63200/AP63201/AP63203/AP63205 device is a 3.8V-to-32V input, 2A output, EMI friendly, fully integrated synchronous buck converter.
Refer to the block diagram in Figure 3. The device employs fixed-frequency peak current mode control. The internal clock’s rising edge (500kHz for
AP6300 and AP63201, 1.1MHz for AP63203 and AP63205) initiates turning on the integrated high-side power MOSFET, Q1, for each cycle. When
Q1 is on, the inductor current rises linearly, and the device charges the output capacitor. The current across Q1 is sensed and converted to a
voltage with a ratio of RT via the CSA block. The CSA output is combined with an internal slope compensation, SE, resulting in VSUM. When VSUM
rises higher than the internal COMP node, the device turns off Q1 and turns on the low-side power MOSFET, Q2. The inductor current decreases
when Q2 is on. On the rising edge of next clock cycle, Q2 turns off, and Q1 turns on. This sequence repeats every clock cycle.
The
peak
current
mode
control
with
the
internal
loop
compensation
network
and
built-in
4ms
soft-start
simplifies
the
AP63200/AP63201/AP63203/AP63205 footprint as well as minimizes the external component count.
The error amplifier generates the COMP voltage by comparing the voltage on the FB pin with an internal 0.8V reference. An increase in load current
causes the feedback voltage to drop. The error amplifier thus raises the COMP voltage until the average inductor current matches the increased
load current. This feedback loop regulates the output voltage. The device also integrates internal slope compensation circuitry to prevent
subharmonic oscillation when the duty cycle is greater than 50% for peak current mode control.
The AP63200/AP63201/AP63203/AP63205 device implements Frequency Spread Spectrum (FSS) with a switching frequency jitter of ±6%. FSS
reduces EMI by not allowing emitted energy to stay in any one frequency for a significant period of time. The converter further dampens high
frequency radiated EMI noise through the use of its proprietary gate driver scheme to achieve a ringing-free switching node voltage without
sacrificing the MOSFET switching times.
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
9 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com