Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT543ATSOG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 74FCT543ATSOG
Description  FAST CMOS OCTAL LATCHED TRANSCEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT543ATSOG Datasheet(HTML) 5 Page - Integrated Device Technology

  74FCT543ATSOG Datasheet HTML 1Page - Integrated Device Technology 74FCT543ATSOG Datasheet HTML 2Page - Integrated Device Technology 74FCT543ATSOG Datasheet HTML 3Page - Integrated Device Technology 74FCT543ATSOG Datasheet HTML 4Page - Integrated Device Technology 74FCT543ATSOG Datasheet HTML 5Page - Integrated Device Technology 74FCT543ATSOG Datasheet HTML 6Page - Integrated Device Technology 74FCT543ATSOG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT543AT/CT
FASTCMOSOCTALLATCHEDTRANSCEIVER
5
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested.
SWI TCH I N G CH ARACT ERI ST I CS OV ER OPERAT I N G RAN GE
74FCT543AT
74FCT543CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
6.5
1.5
5.3
ns
tPHL
TransparantMode
RL = 500Ω
Ax to Bx or Bx to Ax
tPLH
PropagationDelay
1.5
8
1.5
7
ns
tPHL
LEBA to Ax, LEAB to Bx
tPZH
OutputEnableTime
1.5
9
1.5
8
ns
tPZL
OEBA or OEAB to Ax or Bx
CEBA or CEAB to Ax or Bx
tPHZ
OutputDisableTime
1.5
7.5
1.5
6.5
ns
tPLZ
OEBA or OEAB to Ax or Bx
CEBA or CEAB to Ax or Bx
tSU
Set-up Time, HIGH or LOW
2
—
2
—
ns
Ax or Bx to LEBA or LEAB
tH
Hold Time, HIGH or LOW
2
—
2
—
ns
Ax or Bx to LEBA or LEAB
tW
LEBA or LEAB Pulse Width LOW
5
—
5
—
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com