Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78K Datasheet(PDF) 21 Page - NEC

Part # 78K
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 21 Page - NEC

Back Button 78K Datasheet HTML 17Page - NEC 78K Datasheet HTML 18Page - NEC 78K Datasheet HTML 19Page - NEC 78K Datasheet HTML 20Page - NEC 78K Datasheet HTML 21Page - NEC 78K Datasheet HTML 22Page - NEC 78K Datasheet HTML 23Page - NEC 78K Datasheet HTML 24Page - NEC 78K Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
21
CHAPTER 3 ADDRESSING
User's Manual U12326EJ4V0UM
15
0
PC
87
70
fa10 to fa8
11 10
00001
64
3
CALLF
fa7 to fa0
3.1.2 Immediate addressing
[Function]
Immediate data in the instruction word is transferred to the program counter (PC) and branched.
This function is carried out when the “CALL !addr16” or “BR !addr16” or “CALLF !addr11” instruction is
executed. The CALL !addr16 and BR !addr16 instructions can be branched to all memory spaces. The
CALLF !addr11 instruction is branched to the area of 0800H to 0FFFH.
[Illustration]
CALL !addr16, BR !addr16 instruction
CALLF !addr11 instruction
15
0
PC
87
70
CALL or BR
Low Addr.
High Addr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com