Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78K Datasheet(PDF) 13 Page - NEC

Part # 78K
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 13 Page - NEC

Back Button 78K Datasheet HTML 9Page - NEC 78K Datasheet HTML 10Page - NEC 78K Datasheet HTML 11Page - NEC 78K Datasheet HTML 12Page - NEC 78K Datasheet HTML 13Page - NEC 78K Datasheet HTML 14Page - NEC 78K Datasheet HTML 15Page - NEC 78K Datasheet HTML 16Page - NEC 78K Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
13
CHAPTER 1 MEMORY SPACE
User's Manual U12326EJ4V0UM
(3) RAM for VFD display
There are some products in the 78K/0 Series to which RAM for VFD display is allocated. This RAM can
also be used as an ordinary RAM area.
(4) Internal expansion RAM
There are some products in the 78K/0 Series to which internal expansion RAM is allocated.
(5) RAM for LCD display
There are some products in the 78K/0 Series to which RAM for LCD display is allocated. This RAM can
also be used as an ordinary RAM area.
1.7 Special Function Register (SFR) Area
On-chip peripheral hardware special function registers (SFRs) are allocated in the area FF00H to FFFFH (for
details of the special function registers, refer to the user’s manual of each product).
Caution Do not access addresses to which SFRs are not allocated. If an address is erroneously
accessed, the CPU may become deadlocked.
1.8 External Memory Space
This is an external memory space that can be accessed by setting the memory extension mode register. This
space can store program and table data, and be assigned peripheral devices.
For details of the products in which an external memory space can be used, refer to the user’s manual of each
product.
1.9 IEBusTM Register Area
IEBus registers that are used to control the IEBus controller are allocated to the IEBus register area.
For details of the products that incorporate an IEBus controller, refer to the user’s manual of each product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com