Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3608-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF3608-C
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF3608-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF3608-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF3608-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF3608-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF3608-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSF3608-C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SSF3608-C
-1.4A, -20V, RDS(O ) 300mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
10-Dec-2018 Rev. A
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
VGS(th)
-0.3
-
-1
V
VDS=VGS, ID= -1mA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±8V
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -20V, VGS=0
-
-
300
VGS= -4.5V, ID= -1.4A
-
-
390
VGS= -2.5V, ID= -1.2A
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
700
m
VGS= -1.8V, ID= -0.9A
Total Gate Charge
Qg
-
2
-
Gate-Source Charge
Qgs
-
0.36
-
Gate-Drain (“Miller”) Charge
Qgd
-
0.58
-
nC
IDS= -0.7A
VDS= -10V
VGS= -4.5V
Turn-on Delay Time
Td(on)
-
8.7
-
Rise Time
Tr
-
61.2
-
Turn-off Delay Time
Td(off)
-
9.8
-
Fall Time
Tf
-
38.8
-
nS
VDD= -15V
IDS= -1A
VGS= -4.5V
RGEN=5
Input Capacitance
Ciss
-
122
-
Output Capacitance
Coss
-
29
-
Reverse Transfer Capacitance
Crss
-
26
-
pF
VDS= -15V
VGS=0
f=1MHz
Source-Drain Diode
Diode Forward Voltage
4
VSD
-
-
-1.2
V
IS= -500mA, VGS=0
Notes:
1.
Pulse width
≦10µs, duty cycle≦1%.
2.
The data tested by surface mounted on a 1 inch
2 FR4 board with 2OZ copper.
3.
Surface mounted on FR4 board.
4.
The data tested by pulsed, pulse width
≦300µs, duty cycle≦2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com