Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3608-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF3608-C
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF3608-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF3608-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF3608-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF3608-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF3608-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSF3608-C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SSF3608-C
-1.4A, -20V, RDS(O ) 300mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
10-Dec-2018 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
-20V/ -1.4A
RDS(ON)≦300m @VGS= -4.5V
RDS(ON)≦390m @VGS= -2.5V
RDS(ON)≦700m @VGS= -1.8V
Reliable and Rugged
Green Device Available
APPLICATION
Interfacing
Switching
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
2,V
GS=4.5V
TA=25°C
ID
-1.4
A
Pulsed Drain Current
1
IDM
-2.8
A
Power Dissipation
2
TA=25°C
PD
350
mW
Operating Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-ambient
2
357
Thermal Resistance Junction-ambient
3
RθJA
625
°C/W
Part Number
Type
SSF3608-C
Lead (Pb)-free and Halogen-free
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.1 REF.
B
1.80
2.55
H
0.525 REF.
C
1.1
1.4
J
0.05
0.25
D
0.80
1.15
K
0.8 TYP.
E
1.20
2.00
L
0.65 TYP.
F
0.15
0.50
3608


Similar Part No. - SSF3608-C

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3604 SILIKRON-SSF3604 Datasheet
401Kb / 7P
High Power and current handing capability
SSF3605S SILIKRON-SSF3605S Datasheet
478Kb / 7P
Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF3605S GOOD-ARK-SSF3605S Datasheet
447Kb / 4P
30V P-Channel MOSFET
SSF3605S GOOD-ARK-SSF3605S_15 Datasheet
447Kb / 4P
30V P-Channel MOSFET
logo
Silikron Semiconductor ...
SSF3606 SILIKRON-SSF3606 Datasheet
414Kb / 7P
PWM applications
More results

Similar Description - SSF3608-C

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com