Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWN9 Datasheet(PDF) 11 Page - IXYS Corporation

Part # DWN9
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN9 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button DWN9 Datasheet HTML 7Page - IXYS Corporation DWN9 Datasheet HTML 8Page - IXYS Corporation DWN9 Datasheet HTML 9Page - IXYS Corporation DWN9 Datasheet HTML 10Page - IXYS Corporation DWN9 Datasheet HTML 11Page - IXYS Corporation DWN9 Datasheet HTML 12Page - IXYS Corporation DWN9 Datasheet HTML 13Page - IXYS Corporation DWN9 Datasheet HTML 14Page - IXYS Corporation DWN9 Datasheet HTML 15Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
23
© 2004 IXYS All rights reserved
Low Leakage Fast Recovery Epitaxial Diodes
Type
Si-
thickn.
A
B
mm
mm
mm
DWLP 4-02
•
1960
3.00
1.80
0.37
DWLP 15-02
•
990
3.25
3.25
0.37
DWLP 15-02B
•
990
3.25
3.25
0.37
DWLP 25-02
•
518
4.45
4.45
0.37
DWLP 4-03
•
1960
3.00
1.80
0.37
DWLP 8-03
•
1612
3.60
1.80
0.37
DWLP 15-03
•
990
3.25
3.25
0.37
DWLP 15-03A
•
990
3.25
3.25
0.37
DWLP 23-03
•
531
5.50
3.50
0.37
DWLP 23-03A
•
531
5.50
3.50
0.37
DWLP 55-03
•
•
230
8.65
4.95
0.37
DWLP 75-03
•
151
8.91
7.22
0.37
DWLP 8-04
•
1612
3.60
1.80
0.38
DWLP 15-04
•
990
3.25
3.25
0.38
DWLP 23-04
•
531
5.50
3.50
0.38
DWLP 55-04
•
•
230
8.65
4.95
0.38
DWLP 75-04
•
•
151
8.91
7.22
0.38
DWLP 150-04
•
•
74
13.00
9.77
0.38
DWLP 4-06
•
1960
3.00
1.80
0.40
DWLP 8-06A
•
1612
3.60
1.80
0.40
DWLP 8-06B
•
1612
3.60
1.80
0.40
DWLP 15-06A
•
990
3.25
3.25
0.40
DWLP 15-06B
•
990
3.25
3.25
0.40
DWLP 23-06A
•
531
5.50
3.50
0.40
DWLP 23-06B
•
531
5.50
3.50
0.40
DWLP 55-06
•
•
230
8.65
4.95
0.40
DWLP 75-06
•
•
151
8.91
7.22
0.40
DWLP 8-12
•
1612
3.60
1.80
0.46
DWLP 15-12
•
990
3.25
3.25
0.46
DWLP 23-12
•
531
5.50
3.50
0.46
DWLP 55-12
•
•
230
8.65
4.95
0.46
DWLP 75-12
•
151
8.91
7.22
0.46
Tolerance
-0.1
-0.1
±5%
Chips
per
Wafer
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com