Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWN9 Datasheet(PDF) 12 Page - IXYS Corporation

Part # DWN9
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN9 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button DWN9 Datasheet HTML 8Page - IXYS Corporation DWN9 Datasheet HTML 9Page - IXYS Corporation DWN9 Datasheet HTML 10Page - IXYS Corporation DWN9 Datasheet HTML 11Page - IXYS Corporation DWN9 Datasheet HTML 12Page - IXYS Corporation DWN9 Datasheet HTML 13Page - IXYS Corporation DWN9 Datasheet HTML 14Page - IXYS Corporation DWN9 Datasheet HTML 15Page - IXYS Corporation DWN9 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
24
© 2004 IXYS All rights reserved
SONIC-FRDTM Diodes
Type
VRRM
IR
TVJM
RthJC 1
VRRM
125°C
typ.
25°C
Vtyp. mA
°C
K/W
V
A
DWHP 8-06 F
in design
tbd
150
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
DWHP 15-06 F
600
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
DWHP 23-06 F
tbd
tbd
0.90
1.94
1.68
20
200
tbd
tbd
20
200
DWHP 56-06 F
tbd
tbd
0.65
2.04
1.78
60
450
tbd
tbd
60
450
DWHP 69-06 F
tbd
tbd
0.40
2.05
1.80
100
750
tbd
tbd
100
750
DWHP 150-06 F
in design
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
DWHFP 15-12 F
1200
0.1
12
0.90
3.08
2.61
10
100
tbd
tbd
10
100
DWHFP 23-12 F
0.2
17
0.90
2.97
2.49
20
200
7
65
20
200
DWHFP 56-12 F
0.6
29
0.65
3.15
2.70
60
450
18
50
60
450
DWHFP 56-12 S
0.6
37
0.65
2.12
1.98
60
450
28
175
60
tbd
DWHFP 69-12 F
1
47
0.40
3.17
2.72
100
750
36
125
100
750
DWHFP 69-12 S
1
60
0.40
2.13
1.99
100
750
53
330
100
750
DWHFP 150-12 S
1.5
150
tbd
2.00
1.87
150
1150
54
170
150
1150
DLFP 55-17 S
1700
0.6
31
0.65
2.35
2.46
60
350
30
tbd
60
400
DLFP 68-17 S
1
51
0.40
2.34
2.44
100
650
50
150
100
600
DLFP 150-17 S
1.8
tbd
0.22
1.95
2.03
tbd
1150
78
350
150
1150
DLFP 200-17 S
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
DLFP 15-16/18 F
1600-
0.1
12
0.90
3.01
3.08
10
50
tbd
tbd
10
50
DLFP 25-16/18 F
1800
0.2
16
0.90
2.86
2.90
20
150
21
180
20
450
DLFP 55-16/18 F
0.6
27
0.65
2.90
2.94
60
350
30
330
60
450
DLFP 68-16/18 F
1
44
0.40
2.89
2.93
100
650
50
240
100
800
1 Mounted on DCB
25°C
typ. A
A/µs
@-di/dt
rect. d = 0.5
trr
@IF
IRM
AV
A
A
TVJ =
@IF
Reverse Recovery
ns
typ.
IF(AV)M
VF
IFSM
TC = 100°C
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com