Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1901L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK1901L-AE3-R
Description  HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1901L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK1901L-AE3-R Datasheet HTML 1Page - Unisonic Technologies SK1901L-AE3-R Datasheet HTML 2Page - Unisonic Technologies SK1901L-AE3-R Datasheet HTML 3Page - Unisonic Technologies SK1901L-AE3-R Datasheet HTML 4Page - Unisonic Technologies SK1901L-AE3-R Datasheet HTML 5Page - Unisonic Technologies SK1901L-AE3-R Datasheet HTML 6Page - Unisonic Technologies SK1901L-AE3-R Datasheet HTML 7Page - Unisonic Technologies SK1901L-AE3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK1901
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R118-005.I
HALL-EFFECT SWITCH FOR
HIGH-TEMPERATURE
OPERATION
DESCRIPTION
SK1901
is a semiconductor integrated circuit utilizing the Hall
effect. It has been so designed as to operate in the alternating
magnetic field especially at low supply voltage and operation over
extended temperature ranges to +125°С.This Hall IC is suitable for
application to various kinds of sensors, contact-less switches, and
the like.
FEATURES
* Wide supply voltage range of 2.5V to 20V
* Wide temperature operation range of -20°С~+125°С
* TTL and MOS IC are directly drivable by the output
* The life is semipermanent because it employs contact-less parts
SOT-23
(EIAJ SC-59)
2
1
3
TSOT-23
(EIAJ SC-59)
2
1
3
SIP-3
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
SK1901L-AE3-R
SK1901G-AE3-R
SOT-23
I
O
G
Tape Reel
SK1901L-AH3-R
SK1901G-AH3-R
TSOT-23
I
O
G
Tape Reel
SK1901L-G03-B
SK1901G-G03-B
SIP-3
I
G
O
Tape Box
SK1901L-G03-K
SK1901G-G03-K
SIP-3
I
G
O
Bulk
Note: Pin Assignment: I: VCC O: VOUT G: GND
MARKING
SIP-3
SOT-23 / TSOT-23
1901
L: Lead Free
G: Halogen Free


Similar Part No. - SK1901L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1901L-AE3-R UTC-SK1901L-AE3-R Datasheet
196Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - SK1901L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3134 ALLEGRO-3134 Datasheet
160Kb / 6P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
3134 ALLEGRO-3134 Datasheet
129Kb / 6P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3134 ALLEGRO-3134_05 Datasheet
268Kb / 7P
BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
October 31, 2005
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com