Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5855 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5855
Description  HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5855 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5855 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5855
2004-5-18
1
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC5855
HORIZONTAL DEFLECTION OUTPUT FOR
SUPER HIGH RESOLUTION
DISPLAY, COLOR TV, DIGITAL TV
HIGH SPEED SWITCHING APPLICATIONS
High Voltage
: VCBO = 1500 V
Low Saturation Voltage
: VCE (sat) = 3 V (max)
High Speed
: tf(2) = 0.1 µs (typ.)
MAXIMUM RATINGS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector−Base Voltage
VCBO
1500
V
Collector−Emitter Voltage
VCEO
700
V
Emitter−Base Voltage
VEBO
5
V
DC
IC
10
Collector Current
Pulse
ICP
20
A
Base Current
IB
5
A
Collector Power Dissipation
PC
50
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55~150
°C
ELECTRICAL CHARACTERISTICS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Min
Typ.
Max
UNIT
Collector Cut−off Current
ICBO
VCB = 1500 V, IE = 0
1
mA
Emitter Cut−off Current
IEBO
VEB = 5 V, IC = 0
100
µA
Collector − Emitter Breakdown Voltage
V (BR) CEO IC = 10 mA, IB = 0
700
V
hFE (1)
VCE = 5 V, IC = 1 A
28
60
hFE (2)
VCE = 5 V, IC = 6 A
6.2
10
DC Current Gain
hFE (3)
VCE = 5 V, IC = 8 A
4.3
6.7
Collector−Emitter Saturation Voltage
VCE (sat)
IC = 8 A, IB = 2 A
3
V
Base−Emitter Saturation Voltage
VBE (sat)
IC = 8 A, IB = 2 A
1.0
1.4
V
Transition Frequency
fT
VCE = 10 V, IC = 0.1 A
2
MHz
Collector Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
120
pF
Storage Time
tstg(1)
2.8
Fall Time
tf(1)
ICP = 6 , IB1 (end) = 0.8 A
fH = 32 kHz
0.2
µs
Storage Time
tstg(2)
2.3
Switching Time
Fall Time
tf(2)
ICP = 5.5 A, IB1 (end) = 0.8 A
fH = 80 kHz
0.1
µs
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16E3A
Weight: 5.5 g (typ.)


Similar Part No. - 2SC5855

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5855 ISC-2SC5855 Datasheet
285Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5855

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5588 TOSHIBA-2SC5588 Datasheet
239Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION)
2SC5590 TOSHIBA-2SC5590 Datasheet
221Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION)
3TH41A TOSHIBA-3TH41A Datasheet
130Kb / 2P
SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
5VUZ47 TOSHIBA-5VUZ47 Datasheet
136Kb / 2P
SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV)
2SC5717 TOSHIBA-2SC5717 Datasheet
141Kb / 5P
Horizontal Deflection Output for Super High Resolution Display, Color TV, Digital TV. High Speed Switching Applications.
2SC5695 TOSHIBA-2SC5695 Datasheet
139Kb / 5P
Horizontal Deflection Output for High Resolution Display, Color TV
logo
Panasonic Semiconductor
2SC5380 PANASONIC-2SC5380 Datasheet
37Kb / 2P
For horizontal deflection output
2SC5418 PANASONIC-2SC5418 Datasheet
37Kb / 2P
For horizontal deflection output
logo
Toshiba Semiconductor
2SC5856 TOSHIBA-2SC5856 Datasheet
235Kb / 6P
HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV, DIGITAL TV HIGH SPEED SWITCHING APPLICATIONS
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com