Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5855 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5855
Description  HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5855 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5855 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5855
2004-5-18
2
Collector current IC (A)
hFE – IC
100
1
0.01
Tc = 100°C
−25
25
0.1
1
10
10
Common emitter
VCE = 5 V
Collector-emitter voltage VCE (V)
IC – VCE
10
0
0
8
6
2
2
4
6
8
10
4
10
0.6
1.4
2.0
IB = 0.2 A
1.6
0.4
2.5
Common emitter
Tc = 25℃
0.8
1.2
1.8
1.0
IC – VBE
Base-emitter voltage VBE (V)
0
8
6
2
4
10
−25
25
Tc = 100°C
0
0.2
0.4
0.6
0.8
1.2
1.0
Common emitter
VCE = 5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com