| Electronic Components Datasheet Search |
|
LTC2436-1IGN Datasheet(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2436-1IGN Datasheet(HTML) 5 Page - Linear Technology |
|
5 / 28 page ![]() LTC2436-1 5 24361f Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: All voltage values are with respect to GND. Note 3: VCC = 2.7V to 5.5V unless otherwise specified. VREF = REF + – REF–, VREFCM = (REF+ + REF–)/2; VIN = IN+ – IN–, VINCM = (IN+ + IN–)/2, IN+ and IN– are defined as the selected positive (CH0+ or CH1+) and negative (CH0– or CH1–) input respectively. Note 4: FO pin tied to GND or to an external conversion clock source with fEOSC = 139,800Hz unless otherwise specified. Note 5: Guaranteed by design, not subject to test. Note 6: Integral nonlinearity is defined as the deviation of a code from a precise analog input voltage. Maximum specifications are limited by the LSB step size (VREF/216) and the single shot measurement. Typical specifications are measured from the center of the quantization band. Note 7: FO = GND (internal oscillator) or fEOSC = 139,800Hz ±2% (external oscillator). SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS fEOSC External Oscillator Frequency Range q 2.56 2000 kHz tHEO External Oscillator High Period q 0.25 390 µs tLEO External Oscillator Low Period q 0.25 390 µs tCONV Conversion Time FO = 0V q 143.8 146.7 149.6 ms External Oscillator (Note 10) q 20510/fEOSC (in kHz) ms fISCK Internal SCK Frequency Internal Oscillator (Note 9) 17.5 kHz External Oscillator (Notes 9, 10) fEOSC/8 kHz DISCK Internal SCK Duty Cycle (Note 9) q 45 55 % fESCK External SCK Frequency Range (Note 8) q 2000 kHz tLESCK External SCK Low Period (Note 8) q 250 ns tHESCK External SCK High Period (Note 8) q 250 ns tDOUT_ISCK Internal SCK 19-Bit Data Output Time Internal Oscillator (Notes 9, 11) q 1.06 1.09 1.11 ms External Oscillator (Notes 9, 10) q 152/fEOSC (in kHz) ms tDOUT_ESCK External SCK 19-Bit Data Output Time (Note 8) q 19/fESCK (in kHz) ms t1 CS ↓ to SDO Low Z q 0 200 ns t2 CS ↑ to SDO High Z q 0 200 ns t3 CS ↓ to SCK ↓ (Note 9) q 0 200 ns t4 CS ↓ to SCK ↑ (Note 8) q 50 ns tKQMAX SCK ↓ to SDO Valid q 220 ns tKQMIN SDO Hold After SCK ↓ (Note 5) q 15 ns t5 SCK Set-Up Before CS ↓ q 50 ns t6 SCK Hold After CS ↓ q 50 ns The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3) Note 8: The converter is in external SCK mode of operation such that the SCK pin is used as digital input. The frequency of the clock signal driving SCK during the data output is fESCK and is expressed in kHz. Note 9: The converter is in internal SCK mode of operation such that the SCK pin is used as digital output. In this mode of operation the SCK pin has a total equivalent load capacitance CLOAD = 20pF. Note 10: The external oscillator is connected to the FO pin. The external oscillator frequency, fEOSC, is expressed in kHz. Note 11: The converter uses the internal oscillator. FO = 0V. Note 12: 800nV RMS noise is independent of VREF. Since the noise performance is limited by the quantization, lowering VREF improves the effective resolution. Note 13: Guaranteed by design and test correlation. Note 14: The low sleep mode current is valid only when CS is high. TI I G CHARACTERISTICS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |