Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2436-1IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2436-1IGN
Description  2-Channel Differential Input 16-Bit No Latency DS ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2436-1IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2436-1IGN Datasheet HTML 2Page - Linear Technology LTC2436-1IGN Datasheet HTML 3Page - Linear Technology LTC2436-1IGN Datasheet HTML 4Page - Linear Technology LTC2436-1IGN Datasheet HTML 5Page - Linear Technology LTC2436-1IGN Datasheet HTML 6Page - Linear Technology LTC2436-1IGN Datasheet HTML 7Page - Linear Technology LTC2436-1IGN Datasheet HTML 8Page - Linear Technology LTC2436-1IGN Datasheet HTML 9Page - Linear Technology LTC2436-1IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2436-1
6
24361f
VCC (Pin 1): Positive Supply Voltage. Bypass to GND with
a 10
µF tantalum capacitor in parallel with 0.1µF ceramic
capacitor as close to the part as possible.
REF+ (Pin 2), REF– (Pin 3): Differential Reference Input.
The voltage on these pins can have any value between GND
and VCC as long as the reference positive input, REF+, is
maintained more positive than the reference negative
input, REF –, by at least 0.1V.
CH0+ (Pin 4): Positive Input for Differential Channel 0.
CH0– (Pin 5): Negative Input for Differential Channel 0.
CH1+ (Pin 6): Positive Input for Differential Channel 1.
CH1– (Pin 7): Negative Input for Differential Channel 1.
The voltage on these four analog inputs (Pins 4 to 7) can
have any value between GND and VCC. Within these limits
the converter bipolar input range (VIN = IN+ – IN–) extends
from – 0.5 • (VREF) to 0.5 • (VREF). Outside this input range
the converter produces unique overrange and underrange
output codes.
GND (Pins 8, 9, 10, 15, 16): Ground. Multiple ground pins
internally connected for optimum ground current flow and
VCC decoupling. Connect each one of these pins to a ground
planethroughalowimpedanceconnection.Allfive pinsmust
be connected to ground for proper operation.
CS (Pin 11): Active LOW Digital Input. A LOW on this pin
enables the SDO digital output and wakes up the ADC.
Following each conversion the ADC automatically enters
the Sleep mode and remains in this low power state as
long as CS is HIGH. A LOW-to-HIGH transition on CS
during the Data Output transfer aborts the data transfer
and starts a new conversion.
SDO (Pin 12): Three-State Digital Output. During the Data
Output period, this pin is used as serial data output. When
the chip select CS is HIGH (CS = VCC) the SDO pin is in a
high impedance state. During the Conversion and Sleep
periods, this pin is used as the conversion status output.
The conversion status can be observed by pulling CS LOW.
SCK (Pin 13): Bidirectional Digital Clock Pin. In Internal
Serial Clock Operation mode, SCK is used as digital output
for the internal serial interface clock during the Data
Output period. In External Serial Clock Operation mode,
SCK is used as digital input for the external serial interface
clock during the Data Output period. A weak internal pull-
up is automatically activated in Internal Serial Clock Op-
eration mode. The Serial Clock Operation mode is deter-
mined by the logic level applied to the SCK pin at power up
or during the most recent falling edge of CS.
FO (Pin 14): Frequency Control Pin. Digital input that
controls the ADC’s notch frequencies and conversion
time. When the FO pin is connected to GND (FO = 0V), the
converter uses its internal oscillator and rejects 50Hz and
60Hz simultaneously. When FO is driven by an external
clock signal with a frequency fEOSC, the converter uses this
signal as its system clock and the digital filter has 87dB
minimum rejection in the range fEOSC/2560 ±14% and
110dB minimum rejection at fEOSC/2560 ±4%.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com