Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM75RH Datasheet(PDF) 13 Page - Advanced XTAL Products

Part # AXIOM75RH
Description  Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75RH Datasheet(HTML) 13 Page - Advanced XTAL Products

Back Button AXIOM75RH Datasheet HTML 8Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 9Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 10Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 11Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 12Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 13Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 14Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 15Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 16Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75RH Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 13(16)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
6. Radiation
The oscillator is capable of meeting all electrical performance requirements after exposure to a total ionizing
dose (TID) of 100 krad(Si). The radiation capability was verified by a radiation analysis in accordance with
ECSS-Q-HB-30-01A.
7. Components, Materials and Processes
The FM and LAT models are built on the basis of the following requirements for components, materials and
processes:
All add-on components and materials are compliant with the requirements of ECSS-Q-ST-60C.
All active components and the quartz crystal have a hermetically sealed package.
All active components are radiation tolerant. The crystal is made of synthetic swept quartz material.
Soldering is done by ESA approved personal in accordance with ECSS-Q-ST-70-08C (manual soldering)
and ECSS-Q-ST-70-38C (surface mount and mixed technology).
All used materials are in accordance with ECSS-Q-ST-70-71A. The lead material and finishes are
according to ESCC23500. No pure tin is used inside the oscillator, as package or lead finish.
The printed circuit board (PCB) is procured in accordance with ECSS-Q-ST-70-11C.
The marking is resistant to Zestron VD, Isopropyl alcohol (99% pure) and Ethyl alcohol (99.5% pure),
tested in accordance with ESCC24800.
8. Marking
The marking of the parts is accordance with ESCC21700. The content is as follows:
(1) Company Logo AXTAL
(2) Part number AXTAL (according to order code)
(3) Part number Customer (on request)
(4) Nominal frequency
(5) Serial number
(6) Date Code
(7) Caution symbol for ESD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com