Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM75RH Datasheet(PDF) 16 Page - Advanced XTAL Products

Part # AXIOM75RH
Description  Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75RH Datasheet(HTML) 16 Page - Advanced XTAL Products

Back Button AXIOM75RH Datasheet HTML 8Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 9Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 10Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 11Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 12Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 13Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 14Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 15Page - Advanced XTAL Products AXIOM75RH Datasheet HTML 16Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75RH Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 16(16)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
10. Handling, Packaging and Delivery
Some add-ons are susceptible to damage by electrostatic discharge. Therefore, suitable ESD
precautions for handling during use and manufacturing must be employed.
In order to minimize the risk of damage, all kinds of shock during handling and manufacturing must be
avoided.
The parts are packaged in a way to ensure adequately safeguarding against mechanical and electrical
injury and deterioration due to humidity.
The primary package is labeled as ESD sensitive component.
11. Specification History
Rev.
Drawing
Date
[dd.mm.yyyy]
Remarks
Author
Checked
1
D0
24.05.2018
First preliminary issue
HH
BN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com