Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBLC6-2SC6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # USBLC6-2SC6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2SC6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button USBLC6-2SC6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 9Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 10Page - STMicroelectronics USBLC6-2SC6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
USBLC6-2
10/11
Figure 22: SOT23-6L Package Mechanical Data
Figure 23: Foot Print Dimensions (in millimeters)
A2
A
L
H
c
B
E
D
e
e
A1
θ
0.95
0.60
1.20
1.10
3.50
2.30
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0
0.10
0
0.004
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.02
C
0.09
0.20
0.004
0.008
D
2.80
3.05
0.110
0.120
E
1.50
1.75
0.059
0.069
e
0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.10
0.60
0.004
0.024
θ
0°
10°
0°
10°
Table 4: Ordering Information
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
USBLC6-2SC6
UL26
SOT23-6L
16.7 mg
3000
Tape & reel
USBLC6-2P6
F
SOT-666
2.9 mg
3000
Tape & reel
Table 5: Revision History
Date
Revision
Description of Changes
14-Mar-2005
1
First issue.
07-Jun-2005
2
Format change to figure 3; no content changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com