Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP26124 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems MP26124 Datasheet HTML 10Page - Monolithic Power Systems MP26124 Datasheet HTML 11Page - Monolithic Power Systems MP26124 Datasheet HTML 12Page - Monolithic Power Systems MP26124 Datasheet HTML 13Page - Monolithic Power Systems MP26124 Datasheet HTML 14Page - Monolithic Power Systems MP26124 Datasheet HTML 15Page - Monolithic Power Systems MP26124 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
12
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The
MP26124
is
a
peak-current
mode-
controlled switching charger for use with Li-ion
batteries.
At the beginning of a cycle, the MOSFET (M1)
is off, and the COMP voltage is higher than the
output of the current sense amplifier (A1). The
pulse-width modulation (PWM)
comparator’s
output is low, and the rising edge of the 600kHz
CLK signal sets the RS flip-flop, which turns on
M1, connecting SW and the inductor to the
input supply.
As the inductor current increases, the output of
A1 increases. When this signal exceeds the
COMP voltage, the RS flip-flop resets and turns
M1 off. The external switching diode (D2) then
conducts the inductor current.
The MP26124 uses COMP to select the smaller
value of GMI and GMV to implement either
current loop control or voltage loop control.
Current loop control occurs when the battery
voltage is low, which results in the saturation of
the GMV output. GMI compares the charge
current (as a voltage sensed through RS1)
against the reference voltage to regulate the
charge current to a constant value. When the
battery voltage charges up to the reference
voltage, the output of GMV goes low and
initiates voltage loop control to control the duty
cycle to regulate the output voltage.
The MP26124 has an internal linear regulator
(VREF33)
to
power
the
internal
circuitry.
VREF33 can also power external circuitry as
long as the load does not exceed the maximum
current
(30mA).
Connect
a
1
μF bypass
capacitor from VREF33 to GND to ensure
stability.
Charge Cycle (Mode Change: Trickle  CC
 CV)
At the start of a charging cycle, the MP26124
monitors VBATT. If VBATT is lower than the trickle-
charge threshold (VTC, typically 3.0V/cell), the
charging cycle starts in trickle-charge mode
(10% of the RS1 programmed constant-charge
current, ICC) until the battery voltage reaches
VTC.
If the charge stays in trickle-charging mode until
the time-out condition is triggered, charging
terminates until the input power or EN signal
refreshes. Otherwise, GMI regulates the charge
current to the level set by RS1. The charger
operates at constant-current (CC) charging
mode. The duty cycle of the switcher is
determined by the COMPI voltage, which is
regulated by the amplifier GMI.
When the battery voltage reaches the constant-
voltage mode threshold, GMV regulates COMP
and the duty cycle for constant voltage (CV)
mode. When the charge current drops to the
battery-full threshold (IBF, typical 10% CC), the
battery is defined as fully charged. The charger
stops charging, and CHGOK goes high to
indicate the charge-full condition. If the total
charge time exceeds the timer period, the
charging terminates immediately and resumes
when either the input power or EN signal can
restart the charger.
Figure 2 shows the typical charge profile of the
MP26124.
Trickle charge
CC charge
Threshold
CV charge
Threshold
CC charge
CV charge
ICHG
VBATT
Charge Full
Trickle
Charge
Current
Constant
Charge
Current
IBF
Figure 2: Li-Ion Battery Charge Profile
Automatic Recharge
After the battery has completely recharged, the
charger disables all blocks except for the
battery voltage monitor to limit the leakage
current. If the battery voltage falls below
4.0V/cell, the MP26124 begins recharging with
a soft start. The timer then resets to avoid
timer-related charging disruptions.
Charger Status Indication
The MP26124
has two
open-drain
status
outputs: ACOK and CHGOK . ACOK goes low
when the IC supply voltage (VCC) exceeds the
under-voltage lockout (UVLO) threshold and the
regulated voltage (VIN) is 300mV higher than
VBATT to ensure that the regulator can operate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com