Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP26124 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP26124 Datasheet HTML 9Page - Monolithic Power Systems MP26124 Datasheet HTML 10Page - Monolithic Power Systems MP26124 Datasheet HTML 11Page - Monolithic Power Systems MP26124 Datasheet HTML 12Page - Monolithic Power Systems MP26124 Datasheet HTML 13Page - Monolithic Power Systems MP26124 Datasheet HTML 14Page - Monolithic Power Systems MP26124 Datasheet HTML 15Page - Monolithic Power Systems MP26124 Datasheet HTML 16Page - Monolithic Power Systems MP26124 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
13
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
normally. CHGOK indicates the charge status.
Table 1 describes the ACOK and CHGOK
outputs under different charge conditions.
Table 1: Charging Status Indication
ACOK
CHGOK
Charger Status
low
low
In charging
low
high
End of charge, NTC
fault, timer out, thermal
shutdown,
EN disable
high
high
VIN - VBATT < 0.3V
VCC < UVLO
Timer Operation
The MP26124 uses the internal timer to limit the
charge period during trickle charge and total
charge cycle. Once the charge time exceeds
the time limit, the MP26124 terminates charging.
A good battery should recharge completely
within the allotted time period. Otherwise, the
battery has a fault. An external capacitor at
TMR programs the time period.
The trickle mode charge time can be calculated
with Equation (1):
TMR
TRICKLE _ TMR
C
T
30mins
0.1 F

(1)
The total charge time can be calculated with
Equation (2):
TMR
TOTAL _ TMR
C
T
3hours
0.1 F

(2)
When time-out occurs, charging is suspended.
The charge cycle can be restarted by refreshing
the input power or EN signal or auto-recharge
(VBATT falls through 4V/cell).
Negative
Thermal
Coefficient
(NTC)
Thermistor
The MP26124 has a built-in NTC resistance
window comparator that allows the MP26124 to
sense the battery temperature through the
thermistor included in the battery pack. Connect
a resistor with an appropriate value from
VREF33 to NTC, and connect the thermistor
from NTC to GND. A resistor divider determines
the voltage on NTC as a function of the battery
temperature. Charging stops when the NTC
voltage exits the NTC window range. Charging
resumes when the voltage is within the NTC
window range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com