Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3530 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPM3530
Description  55V, 3A, Step-Down Power Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3530 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPM3530 Datasheet HTML 4Page - Monolithic Power Systems MPM3530 Datasheet HTML 5Page - Monolithic Power Systems MPM3530 Datasheet HTML 6Page - Monolithic Power Systems MPM3530 Datasheet HTML 7Page - Monolithic Power Systems MPM3530 Datasheet HTML 8Page - Monolithic Power Systems MPM3530 Datasheet HTML 9Page - Monolithic Power Systems MPM3530 Datasheet HTML 10Page - Monolithic Power Systems MPM3530 Datasheet HTML 11Page - Monolithic Power Systems MPM3530 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MPM3530
– 55V, 3A, STEP-DOWN POWER MODULE
MPM3530 Rev. 1.0
www.MonolithicPower.com
8
9/21/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 24V, TA = 25°C, unless otherwise noted.
Start-Up through VIN
VOUT = 3.3V, IOUT = 0A
Start-Up through VIN
VOUT = 3.3V, IOUT = 3A
CH1: VIN
20V/div.
CH2: VOUT
2V/div.
CH3: SW
20V/div.
CH4: IOUT
5A/div.
CH1: VIN
20V/div.
CH2: VOUT
2V/div.
CH3: SW
20V/div.
CH4: IOUT
5A/div.
2ms/div.
2ms/div.
Output Ripple
VOUT = 3.3V, IOUT =
0A, 4x22μF caps
Output Ripple
VOUT = 3.3V, IOUT = 3
A, 4x22μF caps
CH1:
VOUT/AC
20mV/div.
CH1:
VOUT/AC
10mV/div.
10ms/div.
2µs/div.
Load Transient Response
VOUT = 3.3V, 1.5 -
3A, 4x22μF caps
Load Transient Response
VOUT = 3.3V, IOUT = 0 -
3A, 4x22μF caps
CH1:
VOUT/AC
50mV/div.
CH4: IOUT
2A/div.
CH1:
VOUT/AC
200mV/div.
CH4: IOUT
2A/div.
2ms/div.
2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com