Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3530 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPM3530
Description  55V, 3A, Step-Down Power Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3530 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPM3530 Datasheet HTML 7Page - Monolithic Power Systems MPM3530 Datasheet HTML 8Page - Monolithic Power Systems MPM3530 Datasheet HTML 9Page - Monolithic Power Systems MPM3530 Datasheet HTML 10Page - Monolithic Power Systems MPM3530 Datasheet HTML 11Page - Monolithic Power Systems MPM3530 Datasheet HTML 12Page - Monolithic Power Systems MPM3530 Datasheet HTML 13Page - Monolithic Power Systems MPM3530 Datasheet HTML 14Page - Monolithic Power Systems MPM3530 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MPM3530
– 55V, 3A, STEP-DOWN POWER MODULE
MPM3530 Rev. 1.0
www.MonolithicPower.com
11
9/21/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MPM3530 is a high-performance and
complete power solution that features a wide
input
voltage
range,
high
efficiency,
external/internal
soft
start,
programmable
frequency,
and
comprehensive
protection
modes (OVP, OCP, OTP).
Pulse-Width Modulation (PWM) Control
The MPM3530 uses peak-current-mode control
to regulate the output voltage. A pulse-width
modulation (PWM) cycle is initiated by the
internal clock at the beginning of every cycle.
After the high-side MOSFET (HS-FET) turns on,
the inductor current rises linearly to provide
energy to the load. The HS-FET remains on
until its current reaches the COMP voltage
(VCOMP), which is the output of the internal error
amplifier (EA). The output voltage of the error
amplifier depends on the difference of the
output feedback voltage and the internal high-
precision reference, and it decides how much
energy should be transferred to the load. The
higher the load current, the higher VCOMP will be.
After the high-side switch turns off, the low-side
switch turns on, and the inductor current flows
through the low-side switch. To avoid a shoot-
through issue, a dead time is inserted to
prevent the HS-FET and LS-FET from turning
on at the same time. For each turn-on and turn-
off in a switching cycle, the HS-FET turns on
and off with a minimum on and off time limit.
Light-Load Operation
To achieve high efficiency, the MPM3530 uses
two features during light load.
First, when the load current decreases, the
inductor current drops at the same time. The
LS-FET turns off to save driver loss when the
inductor current drops to zero.
Second,
when
the
load
decreases,
the
switching frequency is scaled down to reduce
the switching loss after VCOMP drops down
below a certain threshold.
Error Amplifier (EA)
The error amplifier compares the FB voltage
(VFB) with the internal reference and outputs a
current proportional to the difference between
the two. This current is used to charge the
external compensation networks to form VCOMP,
which is used to control the HS-FET peak
current and regulate the output voltage.
Oscillator and SYNC Function
The internal oscillator frequency is set by the
frequency
set
resistor
(RFREQ)
connected
between FREQ and GND. The relationship
between the oscillator frequency and RFREQ is
shown in Table 1 on page 14.
During light load, the switching frequency is
scaled down according to VCOMP. The switching
frequency starts decreasing when VCOMP is
lower
than
about
0.8V. The switching
is
disabled when VCOMP drops below about 0.7V.
Reduce switching loss and thermal dissipation,
the switching frequency is decreased according
to VFB. When FB is lower than 25% x REF, the
switching frequency starts decreasing from the
normal value and finally drops to 5% of the
normal value when FB is zero.
FREQ can be used to synchronize the internal
oscillator rising edge to an external clock falling
edge. Ensure that the high amplitude of the
SYNC clock is higher than 1.5V and the low
amplitude is lower than 1V to drive the internal
logic.
The
recommended
external
SYNC
frequency is in the range of 100kHz to 1MHz.
There is no pulse-width requirement but note
that there is always a parasitic capacitance of
the pad. If the pulse width is too short, a clear
rising and falling edge may not be seen due to
the parasitic capacitance. A pulse longer than
100ns is recommended in the application.
Enable Control (EN)
EN is a control pin that turns the module on and
off. Drive EN above 1.6V to turn on the
regulator. Drive EN below 1.3V to turn off the
regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com