Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8623GD Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MPQ8623GD
Description  16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8623GD Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MPQ8623GD Datasheet HTML 12Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 13Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 15Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 16Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 17Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 18Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 19Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
MPQ8623 – 16V, 6A, HIGH EFFICIENCY SYNC STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MPQ8623 Rev. 1.01
www.MonolithicPower.com
20
10/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-14 (2mmx3mm)
SIDE VIEW
BOTTOM VIEW
NOTE:
1) LAND PATTERNS OF PIN1,5,8 AND PIN12 HAVE
THE SAME SHAPE.
2) LAND PATTERNS OF PIN2,4,9,10 AND PIN11 HAVE
THE SAME SHAPE.
3)
ALL DIMENSIONS ARE IN MILLIMETERS.
3) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.10x45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com