Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8623GD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ8623GD
Description  16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8623GD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ8623GD Datasheet HTML 9Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 10Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 11Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 12Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 13Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 15Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 16Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPQ8623 – 16V, 6A, HIGH EFFICIENCY SYNC STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8623 Rev. 1.01
www.MonolithicPower.com
13
10/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
CONSTANT-ON-TIME (COT) Control
The MPQ8623 employs constant-on-time (COT)
control to achieve fast load transient response.
Figure 2 shows the details of the control stage of
the MPQ8623.
The operational amplifier (AMP) corrects any
error voltage between FB and VREF. The
MPQ8623 can use AMP to provide excellent
load regulation over the entire load range
whether it is operating in forced continuous
conduction mode (CCM) or pulse-skip mode.
The dedicated VSNS pin helps provide the
feature of the differential output voltage remote
sense. The pair of the remote sense trace should
be kept at a low impedance to achieve the best
performance.
The
MPQ8623
has
internal
RAMP
compensation to support low ESR MLCC output
capacitor solutions. The adaptive internal RAMP
is optimized so that the MPQ8623 is stable in the
entire operating input/output voltage range with
proper design of the output L/C filter.
Adaptive
RAMP
ON
Timer
PWM
COMP +
VREF
FB
PWM
Comparator
AGND
AMP
Vsens+
Vsens-
Σ
+
L
COUT
VIN
PGND
SW
HSFET
LSFET
Figure 2: COT Control
PWM Operation
Figure 3 shows how the pulse-width modulation
(PWM) signal is generated. AMP corrects any
error between FB and REF and generates a
fairly smooth DC voltage (COMP). The internal
RAMP is superimposed onto COMP. The
superimposed COMP is compared with the FB
signal.
Whenever
FB
drops
below
the
superimposed COMP, the integrated high-side
MOSFET (HS-FET) is turned on and remains on
for a fixed turn-on time. The fixed on time is
determined by the input voltage, output voltage,
and selected switching frequency. After the on
period elapses, the HS-FET turns off. The HS-
FET turns on again when FB drops below the
superimposed
COMP.
By
repeating
this
operation, the MPQ8623 regulates the output
voltage. The integrated low-side MOSFET (LS-
FET) turns on when the HS-FET is in its off state
to minimize conduction loss. A dead short occurs
between VIN and PGND if both the HS-FET and
the LS-FET are turned on at the same time
(shoot-through). In order to avoid a shoot-
through, a dead time (DT) is generated internally
between the HS-FET off and the LS-FET on
period or the LS-FET off and the HS-FET on
period.
PWM
REF
RAMP
FB
COMP
TON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 3: Heavy-Load Operation (PWM)
CCM Operation
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is always above zero amps (see Figure
3). The MPQ8623 can also be configured to
operate in forced CCM operation when the
output current is low. See the Mode Selection
section on page 14 for details.
In CCM operation, the switching frequency is
fairly constant (PWM mode), so the output ripple
remains almost constant throughout the entire
load range.
Pulse-Skip Operation
At light-load condition, the MPQ8623 can be
configured to work in pulse-skip mode to
optimize efficiency. When the load decreases,
the inductor current decreases as well. Once the
inductor current reaches zero, the MPQ8623
transitions from CCM to pulse-skip mode if the
MPQ8623 is configured in this way. See the
Mode Selection section on page 14 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com