| Electronic Components Datasheet Search |
|
STM1816RWX7F Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1816RWX7F Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 20 page ![]() 7/20 STM1810/1811/1812/1813/1815/1816/1817/1818 OPERATION Reset Output The STM181x asserts a reset signal to the Micro- controller (MCU) whenever VCC goes below the reset threshold (VRST), and is guaranteed valid down to VCC = 1.0V (0° to 105°C). A microcontrol- ler’s (MCU) reset input starts the MCU in a known state. The STM1810 - STM1813/ STM1815 - STM1818 Low Power Reset circuits assert reset to prevent code-execution errors during power-up, power-down, and brownout conditions (Figure 8., page 7). During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for the reset time-out period, trec. After this interval, RST returns high. If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays low for at least the reset time-out period. Any time VCC goes below the reset threshold, the internal timer clears. The reset timer starts when VCC returns above the reset threshold. Reset trec is also triggered by an externally initiated rising edge on the RST pin (STM1813/STM1818), following a low signal of 1.5µs minimum duration. Push-Button Detect Reset (STM1813/1818) Many systems require push-button reset capability (Figure 9., page 8), allowing the user or external logic circuitry to initiate reset. On the STM1813/ STM1818, a logic low on RST held for greater than 1.5µs asserts a reset. RST deasserts following a 100ms minimum reset time-out delay (trec). A manual reset input shorter than 1.5µs may release RST without the 100ms minimum reset time-out delay. To facilitate use with mechanical switches, the STM1813/STM1818 contain internal de- bounce circuitry. A debounced waveform is shown in Figure 10., page 8 The RST output has an inter- nal 5.5k Ω pull-up resistor. Interfacing to Bidirectional Microcontrollers (MCU’s) As the RST output on the STM1811/STM1816 is open drain, these devices interface easily with MCU’s that have bidirectional reset pins. Connect- ing the µP supervisor’s reset (RST) output directly to the microcontroller’s reset (RST) pin allows ei- ther device to assert reset (Figure 11., page 8). No external pull-up resistor is required, as it is within the STM1811/STM1816. Negative Going VCC Transients The STM181x are relatively immune to negative- going VCC transients (glitches). Figure 20., page 13 shows typical transient duration ver- sus reset comparator overdrive (for which the STM181x will NOT generate a reset pulse). The graph was generated using a negative pulse ap- plied to VCC, starting at 0.5V above the actual re- set threshold and ending below it by the magnitude indicated (comparator overdrive). The graph indicates the maximum pulse width a nega- tive VCC transient can have without causing a re- set pulse. As the magnitude of the transient increases (further below the threshold), the maxi- mum allowable pulse width decreases. Any com- bination of duration and overdrive which lies under the curve will NOT generate a reset signal. Typi- cally, a VCC transient that goes 100mV below the reset threshold and lasts 20µs or less will not cause a reset pulse. A 0.1µF bypass capacitor mounted as close as possible to the VCC pin pro- vides additional transient immunity. Valid RST Output Down to VCC = 0V When VCC falls below 1V, the RST output no long- er sinks current, but becomes an open circuit. In most systems this is not a problem, as most MCUs do not operate below 1V. However, in applications where RST output must be valid down to 0V, a pull-down resistor may be added to hold the RST output low (see Figure 12., page 9). This resistor must be large enough to not load the RST output, and still be small enough to pull the output to ground. A 100k Ω resistor is recommended. Note: The same situation applies for the active- high RST of the STM1810/1812. A 100k Ω pull-up resistor to VCC should be used if RST must remain valid for VCC < 1.0V. Figure 8. Reset Timing Diagram Note: 1. RST for STM1812 and STM1817 AI09653 RST RST (1) VCC VRST VCC (min) trec trec |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |