| Electronic Components Datasheet Search |
|
STM1816RWX7F Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1816RWX7F Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 20 page ![]() STM1810/1811/1812/1813/1815/1816/1817/1818 4/20 SUMMARY DESCRIPTION STM181x devices are low power reset devices used to monitor power supplies for microcontrol- lers. They perform a single function: asserting a reset signal whenever VCC supply voltage drops below a preset value and keeping it asserted until VCC has risen above the preset threshold for a minimum period of time (trec). They provide excel- lent circuit reliability without additional external components when used with +3.0V/+3.3V (STM1815–STM1818), and +5V (STM1810– STM1813) power supply systems. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance con- dition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST) and remains asserted for trec after VCC rises above the reset threshold. The STM1813/1818 also keep reset asserted for trec after the output is momentarily pulled to ground by an external push-button switch. The STM1812 and STM1817 have an active-high, push-pull output. The STM1810 and STM1815 (push-pull) and STM1811, STM1813, STM1816, and STM1818 (open drain) have an active-low RST output. The open drain devices (STM1811/ STM1813/STM1816/STM1818) also have an in- ternal pull-up resistor to VCC. The STM1813 and STM1818 feature a debounced manual reset fea- ture that asserts a reset if the RST pin is pulled low for more than 1.5µs. When used to initiate manual reset, RST debounces signals from devices such as mechanical switches. For devices with this fea- ture, the release of the external switch triggers the reset period. The STM181x devices are guaranteed to output the correct logic state for VCC down to 1.0V (0°C to +105°C). They also provide a reset comparator designed to ignore fast transients on VCC. Reset thresholds are available between +2.55V and +4.62V These small, low power devices are ideal for use in portable equipment. All are avail- able in the space-saving 3-pin SOT23 package, and are specified from –40°C to +105°C. Figure 4., page 5 shows a typical hardware hookup for STM181x devices to a Microcontroller. Figure 2. Logic Diagram Note: 1. For STM1812, STM1817 Table 2. Signal Names Note: 1. For STM1812, STM1817 Figure 3. SOT23-3 Connections Note: RST for STM1812 and STM1817 AI09648 VCC STM181x VSS RST (RST) (1) VSS Ground RST Active-low Reset Output RST(1) Active-high Reset Output VCC Supply Voltage and Input for Reset Threshold Monitor AI09649 2 3 1 RST (RST) VSS VCC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |