Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP-016RE331M-HT Datasheet(PDF) 1 Page - Nichicon corporation

Part # FP-016RE331M-HT
Description  High Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-016RE331M-HT Datasheet(HTML) 1 Page - Nichicon corporation

  FP-016RE331M-HT Datasheet HTML 1Page - Nichicon corporation FP-016RE331M-HT Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
100
CAT.8100H
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Endurance
Tangent of loss angle (tan δ)
Leakage Current ( 2)
ESR ( 1)
Test condition
Capacitance change
tan δ
ESR( 1)
Leakage current ( 2)
125°C, rated voltage 1000Hrs.
Within ±20% of initial value before test
200% or less than the initial specified value
200% or less than the initial specified value
Less than or equal to the initial specified value
Specifications
Performance Characteristics
Item
–55 to
+125°C
6.3 to 35V
100 to 1000µF
±20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
1 ESR should be measured at both of the terminal ends closest to the capacitor body.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
(mm)
φD×L
8×11.5
10×12.5
φd
0.6
0.6
P
3.5
5.0
α
1.5
1.5
Dimensions
Type numbering system (Example : 10V 330µF)
Nichicon part number
R
1
H
2
3
1
4
A
5
3
6
3
7
1
8
M
9
D
10
N
11
1
12
C
13
G
14
Configuration
Lead Forming
Control code
Capacitance tolerance (±20%)
Rated capacitance (330
µF)
Rated voltage (10V)
Series name
Type
T
Lot No.
Product Logo
Voltage
Capacitance
FPCAP part number
FP
010
RE
331
M
HT
CG
Configuration
Lead Forming
Control code
Capacitance tolerance (±20%)
Capacitance (330
µF)
Voltage(10V)
Series name
Type
Aluminum case
Stand off
Wire(Lead free)
L+αMAX.
15MIN.
4MIN.
φd
Dimension table in next page.
RHT HighTemperature(125°C)
Low ESR, High Capacitance, High ripple current.
Load life of 1000 hours at 125°C.
Radial lead type : Lead free flow soldering condition
correspondence.
Compliant to the RoHS directive (2011/65/EU).
Frequency coefficient of rated ripple current
Coefficient
Frequency
120 Hz
1 kHz
10 kHz
100 kHz
300 kHz
0.10
0.45
0.50
1.00
1.00


Similar Part No. - FP-016RE331M-HT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
FP-016RE331M-HTXX NICHICON-FP-016RE331M-HTXX Datasheet
858Kb / 2P
FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACIOTRS
More results

Similar Description - FP-016RE331M-HT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CXOXHT EUROQUARTZ-CXOXHT Datasheet
137Kb / 1P
High Temperature/High Shock
HIGHTEMP-HF EUROQUARTZ-HIGHTEMP-HF Datasheet
199Kb / 2P
High Temperature/High Frequency
logo
DB Lectro Inc
SSL11-J2C DBLECTRO-SSL11-J2C Datasheet
616Kb / 6P
High Temperature termoplastic
SSL11-J6A DBLECTRO-SSL11-J6A Datasheet
201Kb / 2P
High Temperature termoplastic
SSL11-J6LJ0 DBLECTRO-SSL11-J6LJ0 Datasheet
166Kb / 2P
High Temperature termoplastic
SSL11-P2C DBLECTRO-SSL11-P2C Datasheet
426Kb / 4P
High Temperature termoplastic
logo
Vishay Siliconix
BFC2809080 VISHAY-BFC2809080 Datasheet
112Kb / 5P
High temperature type
04-Aug-15
logo
Amphenol Corporation
GTFH081X1YHR AMPHENOL-GTFH081X1YHR Datasheet
747Kb / 2P
high temperature thermoplastic
logo
SiTime Corp.
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
High Temperature Oscillator
logo
Amphenol Wilcoxon Sensi...
HT780A WILCOXON-HT780A Datasheet
222Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com