Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP-016RE331M-HT Datasheet(PDF) 2 Page - Nichicon corporation

Part # FP-016RE331M-HT
Description  High Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-016RE331M-HT Datasheet(HTML) 2 Page - Nichicon corporation

  FP-016RE331M-HT Datasheet HTML 1Page - Nichicon corporation FP-016RE331M-HT Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
101
CAT.8100H
5450
5450
5200
3950
3950
3950
5250
4750
4750
4750
4350
3250
1740
1740
1600
1260
1260
1260
1680
1520
1520
1520
1390
1040
10×12.5
10×12.5
8×11.5
8×11.5
8×11.5
8×11.5
10×12.5
10×12.5
10×12.5
10×12.5
10×12.5
10×12.5
12
12
10
17
17
16
13
16
16
16
20
25
857
1033
1260
440
660
780
1120
864
1056
1504
600
700
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
RHT0J681MDN1
□□
RHT0J821MDN1
□□
RHT0J102MDN1
□□
RHT1A221MDN1
□□
RHT1A331MDN1
□□
RHT1A391MDN1
□□
RHT1A561MDN1
□□
RHT1C271MDN1
□□
RHT1C331MDN1
□□
RHT1C471MDN1
□□
RHT1D151MDN1
□□
RHT1V101MDN1
□□
FP-6R3RE681M-HT
□□
FP-6R3RE821M-HT
□□
FP-6R3RE102M-HT
□□
FP-010RE221M-HT
□□
FP-010RE331M-HT
□□
FP-010RE391M-HT
□□
FP-010RE561M-HT
□□
FP-016RE271M-HT
□□
FP-016RE331M-HT
□□
FP-016RE471M-HT
□□
FP-020RE151M-HT
□□
FP-035RE101M-HT
□□
680
820
1000
220
330
390
560
270
330
470
150
100
7.2
6.3
(0J)
11.5
10
(1A)
18.4
16
(1C)
23.0
20
(1D)
40.2
35
(1V)
16V 330µF
16V 330µF
:
Dimensions
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple Current
(mArms)(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
At ambient temperature
RHT
Taping specifications are given in page 26, 27.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com