Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5817MP-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL5817MP-13
Description  60V LINEAR DIMMABLE LED CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5817MP-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL5817MP-13 Datasheet HTML 1Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 2Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 3Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 4Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 5Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 6Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 7Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 8Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AL5817
Document number: DS40391 Rev. 3 - 2
1 of 13
www.diodes.com
August 2018
© Diodes Incorporated
AL5817
60V LINEAR DIMMABLE LED CONTROLLER
Description
The AL5817 is an 8-terminal adjustable linear LED driver-controller
offering excellent temperature stability and output current capability. It
works with a wide input voltage range from 4.5V to 60V. With an
external LED driving power device, its internal power dissipation is
minimized compared with traditional linear LED drivers. This makes it
ideal for medium to high current LED circuits.
The AL5817 has internal output drive capability up to 15mA, which
enables it to drive external Bipolar transistors or MOSFETs. It also
provides the capability to drive longer LED chains with low drop out
voltage and multiple LED channels.
The VSET pin is used to directly set output current feedback level.
Using a resistor divider between REF pin and VSET pin, the output
current can be set. Additionally, the use of an NTC resistor allows the
creation of an accurate and configurable thermal fold-back behavior.
The AL5817 provides an LED-open detection feature through its
VFAULT pin. If VFAULT is brought lower than 2.5V (by any one of the
multiple LED channels going open) the AL5817
’s output will go low
turning off the external transistors. The device will recover when the
open condition is removed. This ability of VFAULT to turn off the
external transistors also allows PWM dimming of the LED current by
adding PWM control signal on VFAULT pin.
An enable pin ENB is available to externally turn on and off the LEDs.
The AL5817 is available in the thermally enhanced MSOP-8EP
package.
Features
Wide Input Voltage Range from 4.5V to 60V
Configurable LED Current Setting
4% Reference Voltage Tolerance
Low Temperature Drift
15mA Output Drive Capability for MOSFET or Bipolar Transistor
LED Open Protection Detected by VFAULT Pin
LED Thermal Fold-back Configured by VSET
Over Temperature Protection (OTP)
Input Under Voltage Lock-Out
PWM Dimming Realized Through VFAULT Pin or ENB Pin
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
6
8
VCC
REF
VSET
OUT
VFAULT
ENB
7
4
GND
5
FB
EP
MSOP-8EP
Applications
Automotive Rear Combination Light
LED Signs
Instrumentation Illumination
Refrigerator Lights
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and antimony-free "g
reen” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AL5817MP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5810 DIODES-AL5810 Datasheet
932Kb / 13P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
AL5810D-13 DIODES-AL5810D-13 Datasheet
932Kb / 13P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
AL5810FJ3-7 DIODES-AL5810FJ3-7 Datasheet
932Kb / 13P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev 1
AL5810QFJ3-7 DIODES-AL5810QFJ3-7 Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
Rev 1
More results

Similar Description - AL5817MP-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2129AT NXP-SSL2129AT Datasheet
533Kb / 21P
Dimmable LED controller IC
Rev. 2-23 October 2012
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 2
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
Rev 1
AL5814 DIODES-AL5814 Datasheet
464Kb / 14P
60V LINEAR DIMMABLE LED CONTROLLER
Rev 3
AL5815 DIODES-AL5815 Datasheet
303Kb / 12P
60V LINEAR LED CONTROLLER
Rev 3
AL5816Q DIODES-AL5816Q Datasheet
236Kb / 10P
AUTOMOTIVE COMPLIANT 60V LINEAR LED CONTROLLER
Rev 1
AL1665 DIODES-AL1665 Datasheet
837Kb / 17P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
March 2020
AL5814Q DIODES-AL5814Q Datasheet
554Kb / 14P
AUTOMOTIVE COMPLIANT 60V LINEAR DIMMABLE LED CONTROLLER
April 2019
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com