Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5817MP-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL5817MP-13
Description  60V LINEAR DIMMABLE LED CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5817MP-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL5817MP-13 Datasheet HTML 5Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 6Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 7Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 8Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 9Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 10Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 11Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 12Page - Diodes Incorporated AL5817MP-13 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AL5817
Document number: DS40391 Rev. 3 - 2
10 of 13
www.diodes.com
August 2018
© Diodes Incorporated
AL5817
Application Information (Cont.)
LED Thermal Compensation
The LED current is set by the reference voltage at the emitter/drain voltage of the LED driving transistor. This reference voltage is determined by
the resistor divider between REF and VSET. The LE
D driver’s LED current behavior under different ambient or LED temperatures can be
configured by using NTC for R6 shown in Figure 6.
Figure 6
In the example shown in Figure 7, the resistor network is comprised of one NTC and a resistor. When the temperature of the detecting point is
rising, the NTC resistance will decrease and make the voltage at VSET decrease also, consequentially, the output current will decrease to prevent
the system from over-heated.
Figure 7. Thermal Fold-back Circuit Basing on NTC
Thermal Protection
The AL5817 has an internal Over Temperature Protection (OTP). When the junction temperature is over +160°C, the IC will shut down. When the
junction temperature drops by +30°C the IC turn back on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com