Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1370EST16TC Datasheet(PDF) 18 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 14Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 18Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
18 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Setting the LED current
The LED current requirement determines the choice of the sense resistor RS. This also depends on the voltage on the ADJ pin and the voltage
on the GI pin, according to the topology required.
The ADJ pin may be connected directly to the internal 1.25V reference (VREF) to define the nominal 100% LED current. The ADJ pin can also be
driven with an external DC voltage between 125mV and 2.5V to adjust the LED current proportionally between 10% and 200% of the nominal
value.
For a divider ratio GI_ADJ greater than 0.65V, the ZXLD1370 operates in Buck mode when VADJ = 1.25V. If GI_ADJ is less than 0.65V (typical),
the device operates in Boost or Buck-Boost mode, according to the load connection. This 0.65V threshold varies in proportion to VADJ, i.e., the
Buck mode threshold voltage is 0.65 VADJ /1.25V.
ADJ and GI are high impedance inputs within their normal operating voltage ranges. An internal 2.6V clamp protects the device against
excessive input voltage and limits the maximum output current to approximately 4% above the maximum current set by VREF if the maximum
input voltage is exceeded.
Buck Topology
In Buck mode, GI is connected to ADJ as in Figure 25. The LED current depends only
upon RS, VADJ and VREF. From Equation 1 above,




V
V
I
218
.
0
R
REF
ADJ
LED
SBUCK
Equation 10
If ADJ is directly connected to VREF, this becomes:


I
218
.
0
R
LED
SBUCK
Figure 25 Setting LED Current in
Buck Configuration
Boost and Buck-Boost Topology
For Boost and Buck-boost topologies, the LED current depends upon the resistors, RS,
RGI1, and RGI2 as in Equations 4 and 2 above. There is more than one degree of
freedom. That is to say, there is not a unique solution. From Equation 4,




V
V
ADJ
_
GI
I
225
.
0
R
REF
ADJ
LED
SBOOSTBB
Equation 11
If ADJ is connected to REF, this becomes
ADJ
_
GI
I
225
.
0
R
LED
SBOOSTBB


GI_ADJ is given by Equation 2, repeated here for convenience:
2
RGI
1
RGI
1
RGI
ADJ
_
GI
Figure 26 Setting LED Current in Boost
and Buck-Boost Configuration
Note that from considerations of ZXLD1370 input bias current, the recommended limits for RGI1 are:
22kΩ < RGI1 < 100kΩ
Equation 12
RS
ISM
VIN
REF
ADJ
GI
SGND
RS
ISM
VIN
REF
ADJ
GI
SGND
RGI2
RGI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com