Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1370EST16TC Datasheet(PDF) 25 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
25 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Diodes Selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode* with low reverse leakage at the
maximum operating voltage and temperature. The Schottky diode also provides better efficiency than silicon PN diodes, due to a combination of
lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a continuous current rating higher than the maximum
output load current. In particular, it is recommended to have a voltage rating at least 15% higher than the maximum transistor voltage to ensure
safe operation during the ringing of the switch node and a current rating at least 10% higher than the average diode current. The power rating is
verified by calculating the power loss through the diode.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak voltage on the Drain of the
external MOSFET. If a silicon diode is used, care should be taken to ensure that the total voltage appearing on the Drain of the external
MOSFET, including supply ripple, does not exceed the specified maximum value.
*A suitable Schottky diode would be PDS3100 (Diodes Incorporated).
Output Capacitor
An output capacitor may be required to limit interference or for specific EMC purposes. For boost and buck-boost regulators, the output capacitor
provides energy to the load when the freewheeling diode is reverse biased during the first switching subinterval. An output capacitor in a buck
topology will simply reduce the LED current ripple below the inductor current ripple. In other words, this capacitor changes the current waveform
through the LED(s) from a triangular ramp to a more sinusoidal version without altering the mean current value.
In all cases, the output capacitor is chosen to provide a desired current ripple of the LED current (usually recommended to be less than 40% of
the average LED current).
Buck
PP
LED
LED
SW
PP
L
OUTPUT
I
x
r
x
f
x
8
I
C
Boost and Buck-Boost
PP
LED
LED
SW
PP
LED
OUTPUT
I
x
r
x
f
I
x
D
C
Where:
IL-PP is the ripple of the inductor current, usually ±20% of the average sensed current
ILED-PP is the ripple of the LED current, it should be <40% of the LEDs average current
fSW is the switching frequency (From graphs and calculator)
rLED is the dynamic resistance of the LEDs string (n times the dynamic resistance of the single LED from the
datasheet of the LED manufacturer).
The output capacitor should be chosen to account for derating due to temperature and operating voltage. It must also have the necessary RMS
current rating. The minimum RMS current for the output capacitor is calculated as follows:
Buck
12
I
I
PP
LED
RMS
COUTPUT
Boost and Buck-Boost
MAX
MAX
LED
RMS
COUTPUT
D
1
D
I
I
Ceramic capacitors with X7R dielectric are the best choice due to their high ripple current rating, long lifetime, and performance over the voltage
and temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com